Electronic Components Datasheet Search
  English  ▼

X  

DLPC900ZPC Datasheet(PDF) 24 Page - Texas Instruments

Part # DLPC900ZPC
Description  DLPC900 Digital Controller for Advanced Light Control
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900ZPC Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLPC900ZPC Datasheet HTML 20Page - Texas Instruments DLPC900ZPC Datasheet HTML 21Page - Texas Instruments DLPC900ZPC Datasheet HTML 22Page - Texas Instruments DLPC900ZPC Datasheet HTML 23Page - Texas Instruments DLPC900ZPC Datasheet HTML 24Page - Texas Instruments DLPC900ZPC Datasheet HTML 25Page - Texas Instruments DLPC900ZPC Datasheet HTML 26Page - Texas Instruments DLPC900ZPC Datasheet HTML 27Page - Texas Instruments DLPC900ZPC Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
24
DLPC900
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
www.ti.com
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
(1)
The number inside the parentheses for the I/O refers to the I/O type defined in Table 1.
(2)
Assumes minimum 1 m/s airflow.
(3)
Maximum thermal values assume max power of 4.76 W (total for controller).
(4)
Assume φJT equals 0.4°C/W.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted). The functional performance of the device specified in this
data sheet is achieved when operating the device by the Recommended Operating Conditions. No level of performance is
implied when operating the device above or below the Recommended Operating Conditions limits.
I/O (1)
MIN
NOM
MAX
UNIT
VDD33
3.3 V supply voltage, I/O
3.135
3.3
3.465
V
VDD18
1.8 V supply voltage, LVDSAVD and
DRAMVDD
1.71
1.8
1.89
VDDC
1.15 V supply voltage, Core logic
1.100
1.15
1.200
PLLD_VDD
1.8 V supply voltage, PLL analog
1.71
1.8
1.89
PLLM1_VDD
1.8 V supply voltage, PLL analog
1.71
1.8
1.89
PLLM2_VDD
1.8 V supply voltage, PLL analog
1.71
1.8
1.89
PLLS_VDD
1.15 V supply voltage, PLL analog
1.090
1.15
1.200
PLLD_VDD
1.15 V supply voltage, PLL digital
1.090
1.15
1.200
PLLM1_VDD
1.15 V supply voltage, PLL digital
1.090
1.15
1.200
PLLM2_VDD
1.15 V supply voltage, PLL digital
1.090
1.15
1.200
VI
Input voltage
USB (9)
0
VDD33
V
OSC (10)
0
VDD33
3.3 V LVTTL (1, 2, 3, 4)
0
VDD33
3.3 V I2C (8)
0
VDD33
VO
Output voltage
USB (8)
0
VDD33
V
3.3 V LVTTL (1, 2, 3, 4)
0
VDD33
3.3 V I2C (8)
0
VDD33
1.8 V LVDS (7)
0
VDD18
TA
Operating ambient temperature range
See (2) and (3)
0
55
°C
TC
Operating top-center case temperature
See (3) and (4)
0
109.16
°C
TJ
Operating junction temperature
0
111
°C
(1)
RθJC analysis assumptions: The heat generated in the chip flows into overmold (top side) and also into the package laminate (bottom
side) and then into PCB via package solder balls. Should be used for heat sink analysis only.
(2)
Thermal coefficients abide by JEDEC Standard 51. RθJA is the thermal resistance of the package as measured using a JEDEC defined
standard test PCB. This JEDEC test PCB is not necessarily representative of the DLPC900 PCB and thus the reported thermal
resistance may not be accurate in the actual product application. Although the actual thermal resistance may be different, it is the best
information available during the design phase to estimate thermal performance.
(3)
Example: (3.2 W) × (0.4 C/W)
≈ 1.28°C temperature rise.
6.4 Thermal Information
THERMAL METRIC
DLPC900
UNIT
ZPC (BGA)
516 PINS
RθJC
(1)
Junction-to-case thermal resistance
4.4
°C/W
RθJA at 0 m/s of forced airflow
(2)
Junction-to-air thermal resistance
14.4
°C/W
RθJA at 1 m/s of forced airflow
(2)
Junction-to-air thermal resistance
9.5
°C/W
RθJA at 2 m/s of forced airflow
(2)
Junction-to-air thermal resistance
9.0
°C/W
φJT
(3)
Temperature variance from junction to package top center
temperature, per unit power dissipation
0.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com