Electronic Components Datasheet Search
  English  ▼

X  

DLPC900ZPC Datasheet(PDF) 35 Page - Texas Instruments

Part # DLPC900ZPC
Description  DLPC900 Digital Controller for Advanced Light Control
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900ZPC Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC900ZPC Datasheet HTML 31Page - Texas Instruments DLPC900ZPC Datasheet HTML 32Page - Texas Instruments DLPC900ZPC Datasheet HTML 33Page - Texas Instruments DLPC900ZPC Datasheet HTML 34Page - Texas Instruments DLPC900ZPC Datasheet HTML 35Page - Texas Instruments DLPC900ZPC Datasheet HTML 36Page - Texas Instruments DLPC900ZPC Datasheet HTML 37Page - Texas Instruments DLPC900ZPC Datasheet HTML 38Page - Texas Instruments DLPC900ZPC Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
tc
tw(H)
SSPx_CLK
(ASIC output)
50%
20%
50%
50%
tw(L)
tt
Valid
SSPx_DO
(ASIC output)
tpd(max)
tpd(min)
Valid
tsu
Valid
th
Valid
50%
Valid
SSPx_CSZ
SSPx_DI
(ASIC input)
80%
tc
tw(H)
SSPx_CLK
(ASIC output)
50%
20%
50%
50%
tw(L)
tt
Valid
SSPx_DO
(ASIC output)
tpd(max)
tpd(min)
Valid
tsu
Valid
SSPx_DI
(ASIC input)
th
Valid
50%
Valid
SSPx_CSZ
80%
CLK
(CPOL = 0)
(CPOL = 1)
CSZ
DI/DO
(CPHA = 0)
(CPHA = 1)
MSB
LSB
MSB
LSB
35
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Figure 9. SSP Clock Mode Timing Diagram
Figure 10. Synchronous Serial Port Interface – Master (Modes 0/3)
Figure 11. Synchronous Serial Port Interface – Slave (Modes 0/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com