Electronic Components Datasheet Search
  English  ▼

X  

HD49335F Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HD49335F
Description  CDS/PGA AND 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335F Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HD49335F Datasheet HTML 11Page - Renesas Technology Corp HD49335F Datasheet HTML 12Page - Renesas Technology Corp HD49335F Datasheet HTML 13Page - Renesas Technology Corp HD49335F Datasheet HTML 14Page - Renesas Technology Corp HD49335F Datasheet HTML 15Page - Renesas Technology Corp HD49335F Datasheet HTML 16Page - Renesas Technology Corp HD49335F Datasheet HTML 17Page - Renesas Technology Corp HD49335F Datasheet HTML 18Page - Renesas Technology Corp HD49335F Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
HD49335F/HF
Rev.1.0, Feb.25.2004, page 15 of 29
Electrical Characteristics (cont.)
(Unless othewide specified, Ta = 25°C, AVDD = 3.0 V, DVDD = 3.0 V, and RBIAS = 33 kΩ)
• Items for CDSIN Input Mode
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Remarks
Consumption current (1)
IDD1
—
84
96.6
mA
fCLK = 36 MHz
CDSIN mode
LoPwr = low
Consumption current (2)
IDD2
—
58
66.7
mA
fCLK = 20 MHz
CDSIN mode
LoPwr = high
CCD offset tolerance range
VCCD
(–100)
—
(100)
mV
Timing specifications (1)
tCDS1
—
(1.5)
—
ns
Timing specifications (2)
tCDS2
Typ
× 0.8
1/4fCLK
Typ
× 1.2
ns
Timing specifications (3)
tCDS3
—
(1.5)
—
ns
Timing specifications (4)
tCDS4
Typ
× 0.8
1/4fCLK
Typ
× 1.2
ns
Timing specifications (5)
tCDS5
Typ
× 0.85
1/2fCLK
Typ
× 1.15
ns
Timing specifications (6)
tCDS6
1
5
9
ns
Timing specifications (7)
tCDS7
—
1/2fCLK
—
ns
Timing specifications (8)
tCDS8
—
1/2fCLK
—
ns
Timing specifications (9)
tCHLD9
—
(7)
—
ns
CL = 10 pF
Timing specifications (10)
tCOD10
—
(16)
—
ns
CL = 10 pF
Timing specifications (11)
tCDS11
—
(1/4fCLK)
—
ns
Timing specifications (12)
tCDS12
—
(1/fCLK)
—
ns
Timing specifications (13)
tCDS13
—
(1/2fCLK)
—
ns
Refer to table 8
CLP(00)
—
(14)
—
LSB
CLP(09)
—
(32)
—
LSB
Clamp level
CLP(31)
—
(76)
—
LSB
AGC(0)
–4.4
–2.4
–0.4
dB
AGC(63)
4.1
6.1
8.1
dB
AGC(127)
12.5
14.5
16.5
dB
AGC(191)
21.0
23.0
25.0
dB
PGA gain at CDS input
AGC(255)
29.4
31.4
33.4
dB
*1
DLL_2
11
—
25
MHz
*2
DLL_3
7
—
11
MHz
*3
DLL operation frequency
DLL_4
5.5
—
7
MHz
*4
T/G 3/1divided operation
frequency range
CLK_in3
28.6
—
28.6
MHz
fCLK = 1/3CLK_in3
VOH
2.94
2.97
—
V
30 mA Buff, IOH = –5 mA
VOL
—
22
47
MV
30 mA Buff, IOL = +5 mA
VOH
2.89
2.94
—
V
14 mA Buff, IOH = –5 mA
VOL
—
50
112
MV
14 mA Buff, IOL = +5 mA
VOH
2.91
2.96
—
V
10 mA Buff, IOH = –3 mA
VOL
—
36
78
MV
10 mA Buff, IOL = +3 mA
VOH
2.85
2.93
—
V
4 mA Buff, IOH = –2 mA
VOL
—
60
129
MV
4 mA Buff, IOL = +2 mA
VOH
2.69
2.86
—
V
2 mA Buff, IOH = –2 mA
H Buffer output voltage
VOL
—
115
262
mV
2 mA Buff, IOL = +2 mA
VOH
2.81
2.90
—
V
IOH = –2 mA
RG output voltage
VOL
—
78
141
mV
IOL = +2 mA
Notes: 1. Define digital output full scall with 1 V input as 0 dB.
2. Number of master steps: 60 steps, DLL current High
3. Number of master steps: 40 steps, DLL current Low
4. Number of master steps: 60 steps, DLL current Low
5. Values within parentheses ( ) are for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com