Electronic Components Datasheet Search
  English  ▼

X  

LPC2142 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2142
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2142 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2142 Datasheet HTML 5Page - NXP Semiconductors LPC2142 Datasheet HTML 6Page - NXP Semiconductors LPC2142 Datasheet HTML 7Page - NXP Semiconductors LPC2142 Datasheet HTML 8Page - NXP Semiconductors LPC2142 Datasheet HTML 9Page - NXP Semiconductors LPC2142 Datasheet HTML 10Page - NXP Semiconductors LPC2142 Datasheet HTML 11Page - NXP Semiconductors LPC2142 Datasheet HTML 12Page - NXP Semiconductors LPC2142 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
9 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
P0.18/CAP1.3/
MISO1/MAT1.3
53 [1]
I/O
P0.18 — General purpose input/output digital pin (GPIO).
I
CAP1.3 — Capture input for Timer 1, channel 3.
I/O
MISO1 — Master In Slave Out for SSP. Data input to SPI master or data
output from SSP slave.
O
MAT1.3 — Match output for Timer 1, channel 3.
P0.19/MAT1.2/
MOSI1/CAP1.2
54 [1]
I/O
P0.19 — General purpose input/output digital pin (GPIO).
O
MAT1.2 — Match output for Timer 1, channel 2.
I/O
MOSI1 — Master Out Slave In for SSP. Data output from SSP master or data
input to SSP slave.
I
CAP1.2 — Capture input for Timer 1, channel 2.
P0.20/MAT1.3/
SSEL1/EINT3
55 [2]
I/O
P0.20 — General purpose input/output digital pin (GPIO).
O
MAT1.3 — Match output for Timer 1, channel 3.
I
SSEL1 — Slave Select for SSP. Selects the SSP interface as a slave.
I
EINT3 — External interrupt 3 input.
P0.21/PWM5/
AD1.6/CAP1.3
1 [4]
I/O
P0.21 — General purpose input/output digital pin (GPIO).
O
PWM5 — Pulse Width Modulator output 5.
I
AD1.6 — ADC 1, input 6. Available in LPC2144/46/48 only.
I
CAP1.3 — Capture input for Timer 1, channel 3.
P0.22/AD1.7/
CAP0.0/MAT0.0
2 [4]
I/O
P0.22 — General purpose input/output digital pin (GPIO).
I
AD1.7 — ADC 1, input 7. Available in LPC2144/46/48 only.
I
CAP0.0 — Capture input for Timer 0, channel 0.
O
MAT0.0 — Match output for Timer 0, channel 0.
P0.23/VBUS
58 [1]
I/O
P0.23 — General purpose input/output digital pin (GPIO).
I
VBUS — Indicates the presence of USB bus power.
Note: This signal must be HIGH for USB reset to occur.
P0.25/AD0.4/
AOUT
9 [5]
I/O
P0.25 — General purpose input/output digital pin (GPIO).
I
AD0.4 — ADC 0, input 4.
O
AOUT — DAC output. Available in LPC2142/44/46/48 only.
P0.28/AD0.1/
CAP0.2/MAT0.2
13 [4]
I/O
P0.28 — General purpose input/output digital pin (GPIO).
I
AD0.1 — ADC 0, input 1.
I
CAP0.2 — Capture input for Timer 0, channel 2.
O
MAT0.2 — Match output for Timer 0, channel 2.
P0.29/AD0.2/
CAP0.3/MAT0.3
14 [4]
I/O
P0.29 — General purpose input/output digital pin (GPIO).
I
AD0.2 — ADC 0, input 2.
I
CAP0.3 — Capture input for Timer 0, Channel 3.
O
MAT0.3 — Match output for Timer 0, channel 3.
P0.30/AD0.3/
EINT3/CAP0.0
15 [4]
I/O
P0.30 — General purpose input/output digital pin (GPIO).
I
AD0.3 — ADC 0, input 3.
I
EINT3 — External interrupt 3 input.
I
CAP0.0 — Capture input for Timer 0, channel 0.
Table 3:
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com