Electronic Components Datasheet Search
  English  ▼

X  

LPC2142 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC2142
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2142 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC2142 Datasheet HTML 12Page - NXP Semiconductors LPC2142 Datasheet HTML 13Page - NXP Semiconductors LPC2142 Datasheet HTML 14Page - NXP Semiconductors LPC2142 Datasheet HTML 15Page - NXP Semiconductors LPC2142 Datasheet HTML 16Page - NXP Semiconductors LPC2142 Datasheet HTML 17Page - NXP Semiconductors LPC2142 Datasheet HTML 18Page - NXP Semiconductors LPC2142 Datasheet HTML 19Page - NXP Semiconductors LPC2142 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
16 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
• Selectable speed versus power.
6.10 USB 2.0 device controller
The USB is a 4-wire serial bus that supports communication between a host and a
number (127 max) of peripherals. The host controller allocates the USB bandwidth to
attached devices through a token based protocol. The bus supports hot plugging,
unplugging, and dynamic configuration of the devices. All transactions are initiated by the
host controller.
The LPC2141/42/44/46/48 is equipped with a USB device controller that enables
12 Mbit/s data exchange with a USB host controller. It consists of a register interface,
serial interface engine, endpoint buffer memory and DMA controller. The serial interface
engine decodes the USB data stream and writes data to the appropriate end point buffer
memory. The status of a completed USB transfer or error condition is indicated via status
registers. An interrupt is also generated if enabled.
A DMA controller (available in LPC2146/48 only) can transfer data between an endpoint
buffer and the USB RAM.
6.10.1 Features
• Fully compliant with USB 2.0 Full-speed specification.
• Supports 32 physical (16 logical) endpoints.
• Supports control, bulk, interrupt and isochronous endpoints.
• Scalable realization of endpoints at run time.
• Endpoint maximum packet size selection (up to USB maximum specification) by
software at run time.
• RAM message buffer size based on endpoint realization and maximum packet size.
• Supports SoftConnect and GoodLink LED indicator. These two functions are sharing
one pin.
• Supports bus-powered capability with low suspend current.
• Supports DMA transfer on all non-control endpoints (LPC2146/48 only).
• One duplex DMA channel serves all endpoints (LPC2146/48 only).
• Allows dynamic switching between CPU controlled and DMA modes (only in
LPC2146/48).
• Double buffer implementation for bulk and isochronous endpoints.
6.11 UARTs
The LPC2141/42/44/46/48 each contain two UARTs. In addition to standard transmit and
receive data lines, the LPC2144/46/48 UART1 also provides a full modem control
handshake interface.
Compared to previous LPC2000 microcontrollers, UARTs in LPC2141/42/44/46/48
introduce a fractional baud rate generator for both UARTs, enabling these microcontrollers
to achieve standard baud rates such as 115200 with any crystal frequency above 2 MHz.
In addition, auto-CTS/RTS flow-control functions are fully implemented in hardware
(UART1 in LPC2144/46/48 only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com