Electronic Components Datasheet Search
  English  ▼

X  

LPC2144 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2144
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2144 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2144 Datasheet HTML 4Page - NXP Semiconductors LPC2144 Datasheet HTML 5Page - NXP Semiconductors LPC2144 Datasheet HTML 6Page - NXP Semiconductors LPC2144 Datasheet HTML 7Page - NXP Semiconductors LPC2144 Datasheet HTML 8Page - NXP Semiconductors LPC2144 Datasheet HTML 9Page - NXP Semiconductors LPC2144 Datasheet HTML 10Page - NXP Semiconductors LPC2144 Datasheet HTML 11Page - NXP Semiconductors LPC2144 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
8 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
P0.9/RXD1/
PWM6/EINT3
34 [2]
I/O
P0.9 — General purpose input/output digital pin (GPIO).
I
RXD1 — Receiver input for UART1.
O
PWM6 — Pulse Width Modulator output 6.
I
EINT3 — External interrupt 3 input.
P0.10/RTS1/
CAP1.0/AD1.2
35 [4]
I/O
P0.10 — General purpose input/output digital pin (GPIO).
O
RTS1 — Request to Send output for UART1. LPC2144/46/48 only.
I
CAP1.0 — Capture input for Timer 1, channel 0.
I
AD1.2 — ADC 1, input 2. Available in LPC2144/46/48 only.
P0.11/CTS1/
CAP1.1/SCL1
37 [3]
I/O
P0.11 — General purpose input/output digital pin (GPIO).
I
CTS1 — Clear to Send input for UART1. Available in LPC2144/46/48 only.
I
CAP1.1 — Capture input for Timer 1, channel 1.
I/O
SCL1 — I2C1 clock input/output. Open-drain output (for I2C-bus compliance)
P0.12/DSR1/
MAT1.0/AD1.3
38 [4]
I/O
P0.12 — General purpose input/output digital pin (GPIO).
I
DSR1 — Data Set Ready input for UART1. Available in LPC2144/46/48 only.
O
MAT1.0 — Match output for Timer 1, channel 0.
I
AD1.3 — ADC input 3. Available in LPC2144/46/48 only.
P0.13/DTR1/
MAT1.1/AD1.4
39 [4]
I/O
P0.13 — General purpose input/output digital pin (GPIO).
O
DTR1 — Data Terminal Ready output for UART1. LPC2144/46/48 only.
O
MAT1.1 — Match output for Timer 1, channel 1.
I
AD1.4 — ADC input 4. Available in LPC2144/46/48 only.
P0.14/DCD1/
EINT1/SDA1
41 [3]
I/O
P0.14 — General purpose input/output digital pin (GPIO).
I
DCD1 — Data Carrier Detect input for UART1. LPC2144/46/48 only.
I
EINT1 — External interrupt 1 input.
I/O
SDA1 — I2C1 data input/output. Open-drain output (for I2C-bus compliance)
Note: LOW on this pin while RESET is LOW forces on-chip boot loader to
take over control of the part after reset.
P0.15/RI1/
EINT2/AD1.5
45 [4]
I/O
P0.15 — General purpose input/output digital pin (GPIO).
I
RI1 — Ring Indicator input for UART1. Available in LPC2144/46/48 only.
I
EINT2 — External interrupt 2 input.
I
AD1.5 — ADC 1, input 5. Available in LPC2144/46/48 only.
P0.16/EINT0/
MAT0.2/CAP0.2
46 [2]
I/O
P0.16 — General purpose input/output digital pin (GPIO).
I
EINT0 — External interrupt 0 input.
O
MAT0.2 — Match output for Timer 0, channel 2.
I
CAP0.2 — Capture input for Timer 0, channel 2.
P0.17/CAP1.2/
SCK1/MAT1.2
47 [1]
I/O
P0.17 — General purpose input/output digital pin (GPIO).
I
CAP1.2 — Capture input for Timer 1, channel 2.
I/O
SCK1 — Serial Clock for SSP. Clock output from master or input to slave.
O
MAT1.2 — Match output for Timer 1, channel 2.
Table 3:
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com