Electronic Components Datasheet Search
  English  ▼

X  

LPC2144 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC2144
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2144 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC2144 Datasheet HTML 23Page - NXP Semiconductors LPC2144 Datasheet HTML 24Page - NXP Semiconductors LPC2144 Datasheet HTML 25Page - NXP Semiconductors LPC2144 Datasheet HTML 26Page - NXP Semiconductors LPC2144 Datasheet HTML 27Page - NXP Semiconductors LPC2144 Datasheet HTML 28Page - NXP Semiconductors LPC2144 Datasheet HTML 29Page - NXP Semiconductors LPC2144 Datasheet HTML 30Page - NXP Semiconductors LPC2144 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
27 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
IBATpd
Power-down mode battery
supply current [11]
RTC clock = 32 kHz
(from RTXC pins),
Ta = +25 °C
VDD = 3.0 V, Vi(VBAT) = 2.5 V
<tbd>
<tbd>
<tbd>
µA
VDD = 3.0 V, Vi(VBAT) = 3.0 V
<tbd>
<tbd>
<tbd>
µA
IBATact
active mode battery supply
current [11]
CCLK = 60 MHz,
PCLK = 15 MHz,
PCLK enabled to RTCK,
RTC clock = 32 kHz
(from RTXC pins),
Ta = +25 °C
VDD = 3.0 V, Vi(VBAT) = 3.0 V
<tbd>
<tbd>
<tbd>
µA
IBATact(opt)
optimized active mode
battery supply
current [11] [12]
PCLK disabled to RTCK in
the PCONP register,
RTC clock = 32 kHz
(from RTXC pins),
Ta = +25 °C, Vi(VBAT) = 3.3 V
CCLK = 10 MHz
<tbd>
<tbd>
<tbd>
µA
CCLK = 60 MHz
<tbd>
<tbd>
<tbd>
µA
I2C-bus pins
VIH
HIGH-state input voltage
0.7VDD(3V3) --V
VIL
LOW-state input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
-
0.5VDD(3V3) -V
VOL
LOW-state output
voltage [7]
IOLS = 3 mA
-
-
0.4
V
ILI
input leakage current [13]
VI =VDD
-2
4
µA
VI =5V
-
10
22
µA
Oscillator pins
Vi(XTAL1)
input voltage on pin XTAL1
0
-
1.8
V
Vo(XTAL2)
output voltage on pin
XTAL2
0
-
1.8
V
Vi(RTXC1)
input voltage on pin
RTXC1
0
-
1.8
V
Vo(RTXC2)
output voltage on pin
RTXC2
0
-
1.8
V
USB pins
IOZ
OFF-state output current
0 V < VI < 3.3 V
-
-
±10
µA
VBUS
VBUS line input voltage on
the USB connector
-
-
5.25
V
VDI
differential input sensitivity |(D+)
− (D−)|
0.2
-
-
V
VCM
differential common-mode
range
includes VDI range
0.8
-
2.5
V
Vth(rs)se
single-ended receiver
switching threshold
voltage
0.8
-
2.0
V
Table 5:
Static characteristics …continued
Ta = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com