Electronic Components Datasheet Search
  English  ▼

X  

PDTB113 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PDTB113
Description  50 V, 500 mA PNP resistor-equipped transistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTB113 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PDTB113 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 15Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
© Nexperia B.V. 2017. All rights reserved
PDTB113_123_143_114EQA_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 30 March 2016
13 of 23
Nexperia
PDTB113/123/143/114EQA
50 V, 500 mA PNP resistor-equipped transistors
VCE = 5V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 40 C
Tamb =25 C
Fig 19. PDTB143EQA: DC current gain as a function of
collector current; typical values
Fig 20. PDTB143EQA: Collector current as a function
of collector-emitter voltage; typical values
VCE = 0.3 V
(1) Tamb = 40 C
(2) Tamb =25 C
(3) Tamb = 100 C
VCE = 5V
(1) Tamb = 40 C
(2) Tamb =25 C
(3) Tamb = 100 C
Fig 21. PDTB143EQA: On-state input voltage as a
function of collector current; typical values
Fig 22. PDTB143EQA: Off-state input voltage as a
function of collector current; typical values
IC (mA)
-10-1
-103
-10
-102
-1
aaa-020294
102
10
103
hFE
1
(1)
(2)
(3)
VCE (V)
0-5
-4
-2
-3
-1
aaa-020295
-0.2
-0.3
-0.1
-0.4
-0.5
IC
(A)
0
IB (mA) = -2.8
-2.24
-1.68
-1.12
-0.56
-0.28
-0.84
-1.4
-1.96
-2.52
IC (mA)
-10-1
-104
-10
-103
-102
-1
aaa-020298
-10
-1
-102
VI(on)
(V)
-10-1
(1)
(2)
(3)
IC (mA)
-10-1
-10
-1
aaa-020296
-1
-10
VI(off)
(V)
-10-1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com