Electronic Components Datasheet Search
  English  ▼

X  

PDTB113 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDTB113
Description  50 V, 500 mA PNP resistor-equipped transistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTB113 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTB113 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTB113 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
© Nexperia B.V. 2017. All rights reserved
PDTB113_123_143_114EQA_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 30 March 2016
2 of 23
Nexperia
PDTB113/123/143/114EQA
50 V, 500 mA PNP resistor-equipped transistors
2.
Pinning information
3.
Ordering information
Table 3.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
I
input (base)
2
GND
GND (emitter)
3
O
output (collector)
4
O
output (collector)
Transparent top view
1
2
3
4
aaa-019606
O
GND
I
R1
R2
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PDTB113EQA
DFN1010D-3
plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals;
body: 1.1
 1.0  0.37 mm
SOT1215
PDTB123EQA
PDTB143EQA
PDTB114EQA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com