Electronic Components Datasheet Search
  English  ▼

X  

PM39F040 Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # PM39F040
Description  1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39F040 Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button PM39F040 Datasheet HTML 12Page - PMC-Sierra, Inc PM39F040 Datasheet HTML 13Page - PMC-Sierra, Inc PM39F040 Datasheet HTML 14Page - PMC-Sierra, Inc PM39F040 Datasheet HTML 15Page - PMC-Sierra, Inc PM39F040 Datasheet HTML 16Page - PMC-Sierra, Inc PM39F040 Datasheet HTML 17Page - PMC-Sierra, Inc PM39F040 Datasheet HTML 18Page - PMC-Sierra, Inc PM39F040 Datasheet HTML 19Page - PMC-Sierra, Inc PM39F040 Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2004, Rev: 1.3
PMC
Pm39F010 / Pm39F020 / Pm39F040
16
READ OPERATIONS AC WAVEFORMS
OUTPUT TEST LOAD
INPUT TEST WAVEFORMS
AND MEASUREMENT LEVEL
AC CHARACTERISTICS (CONTINUED)
PIN CAPACITANCE ( f = 1 MHz, T = 25°C )
p
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
C N
I
46
F
pV N
I
V
0
=
C T
U
O
82
1F
pV T
U
O
V
0
=
Note: These parameters are characterized but not 100% tested.
ADDRESS VALID
t
RC
t
ACC
t
CE
t
OE
t
DF
t
OH
OUTPUT
VALID
HIGH Z
ADDRESS
CE#
OE#
WE#
OUTPUT
V
CC
t
VCS
5.0 V
1.8 K
1.3 K
OUTPUT PIN
C
L = 30 pF
3.0 V
0.0 V
1.5 V
AC
Measurement
Level
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com