Electronic Components Datasheet Search
  English  ▼

X  

PM39F010 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM39F010
Description  1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39F010 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM39F010 Datasheet HTML 15Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 16Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 17Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 18Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 19Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 20Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 21Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 22Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 23Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2004, Rev: 1.3
PMC
Pm39F010 / Pm39F020 / Pm39F040
21
PACKAGE TYPE INFORMATION
32J
32-Pin Plastic Leaded Chip Carrier Dimensions in Inches (Millimeters)
32P
32-Pin Plastic DIP Dimensions in Inches (Millimeters)
Pin 1 I.D.
15.11
14.86
14.05
13.89
1.27 Typ.
0.81
0.66
11.51
11.35
12.57
12.32
0.74X30°
13.46
12.45
0.53
0.33
2.41
1.93
3.56
3.18
SEATING
PLANE
SEATING PLANE
.150
.120
.110
.090
.022
.016
.200
.170
.050
.015
.625
.600
.012
.008
0°
10°
.665
.625
1.655
1.645
17
32
16
Pin 1 I.D.
.550
.530
.065
.040
.005
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com