Electronic Components Datasheet Search
  English  ▼

X  

PM39F010 Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM39F010
Description  1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39F010 Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM39F010 Datasheet HTML 9Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 10Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 11Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 12Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 13Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 14Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 15Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 16Page - PMC-Sierra, Inc PM39F010 Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2004, Rev: 1.3
PMC
Pm39F010 / Pm39F020 / Pm39F040
13
SOFTWARE PRODUCT IDENTIFICATION EXIT
Load Data AAh
to
Address 555h
Load Data 55h
to
Address 2AAh
Load Data 90h
to
Address 555h
Enter Product
Identification
Mode (1,2)
Load Data AAh
to
Address 555h
Load Data 55h
to
Address 2AAh
Load Data F0h
to
Address 555h
Exit Product
Identification
Mode (3)
Load Data F0h
to
Address XXXh
Exit Product
Identification
Mode (3)
or
Chart 3. Software Product Identification Entry/Exit Flowchart
SOFTWARE PRODUCT IDENTIFICATION ENTRY
DEVICE OPERATIONS FLOWCHARTS
(CONTINUED)
Notes:
1. The device will enter Product Identification mode after excuting the Product ID Entry command.
2. Under Product Identification mode, the Manufacturer ID and Device ID of devices can be read at address
X0000h and X0001h where X = Don’t Care.
3. The device returns to standby operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com