Electronic Components Datasheet Search
  English  ▼

X  

NSTM515AS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NSTM515AS
Description  SPECIFICATIONS FOR NICHIA FULL COLOR LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NSTM515AS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NSTM515AS Datasheet HTML 1Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 2Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 3Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 4Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 5Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 6Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 7Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 8Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
Nichia STSE-CM2199A
<Cat.No.020911>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Absolute Maximum Rating
Item
Symbol
Blue
Green
Red
Unit
Forward Current
IF
30
30
50
mA
Pulse Forward Current !
IFP
100
100
200
mA
Reverse Voltage
VR
5
5
5
V
Power Dissipation !!
PD
120
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Lead Soldering Temperature
Tsld
265°C
for 10sec.
!
IFP Conditions : Pulse Width 10msec. and Duty 1/10
!!
Value is for one LED device (Single color). Total value should be within the absolute maximum rating
when illuminating more than two devices (full colors).
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Blue
Green
Red
Item
Symbol
Condition
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
Forward Voltage
VF
IF=20[mA]
-
3.6
4.0
-
3.5
4.0
-
1.9
2.4
V
Reverse Current
IR
VR= 5[V]
-
-
50
-
-
50
-
-
50
µA
Luminous Intensity
Iv
IF=20[mA]
86
125
-
425
600
-
125
175
-
mcd
!
Measurement Uncertainty of the Luminous Intensity : ± 10%
Color Ranks
(IF=20mA,Ta=25°C)
Blue
Rank W
x
0.139 0.129 0.113 0.134 0.145 0.152
y
0.035 0.050 0.080 0.105 0.072 0.056
Green
Rank G
x
0.190 0.140 0.180 0.223 0.250 0.219
y
0.628 0.729 0.740 0.735 0.638 0.637
Red
Rank R
x
0.674 0.648 0.677
0.708
y
0.296 0.323 0.323
0.292
!
Measurement Uncertainty of the Color Coordinates : ± 0.01
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com