Electronic Components Datasheet Search
  English  ▼

X  

NSTM515AS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NSTM515AS
Description  SPECIFICATIONS FOR NICHIA FULL COLOR LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NSTM515AS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NSTM515AS Datasheet HTML 5Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 6Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 7Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 8Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 9Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 10Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 11Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 12Page - List of Unclassifed Manufacturers NSTM515AS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Forward Current IFP (mA)
! Ambient Temperature vs.
Power Dissipation
Ambient Temperature Ta (°C)
! Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
! Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
! Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
! Forward Voltage vs.
Forward Current
! Duty Ratio vs.
Allowable Forward Current
200
100
50
20
10
5
1
1
5
10 20
100
50
4.4
3.6
3.2
2.4
2.0
1.6
2.8
4.0
020
60 80 100
40
-40 -20
2.0
1.0
0.5
0.2
020
60 80 100
40
-40 -20
60
80
100
40
020
0
204060
100 120
80
300
100
50
20
10
30
200
6.0
5.0
4.0
2.0
1.0
0
3.0
1.6 2.0
2.8
3.6 4.0
4.8
2.4
3.2
4.4
(Ta=25°C)
(IFP=20mA)
(IFP=20mA)
(Ta=25°C)
(Ta=25°C)
140
100
80
0
40
20
60
120
BLUE
RED
GREEN
BLUE
RED
GREEN
BLUE
RED
GREEN
BLUE
RED
GREEN
BLUE, GREEN
RED
TYP.CHARACTERISTICS
Model
NSTMxxxxx
NICHIA CORPORATION Title
No.
011210110231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com