Electronic Components Datasheet Search
  English  ▼

X  

UTC8124 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTC8124
Description  LINER INTERFRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC8124 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTC8124 Datasheet HTML 1Page - Unisonic Technologies UTC8124 Datasheet HTML 2Page - Unisonic Technologies UTC8124 Datasheet HTML 3Page - Unisonic Technologies UTC8124 Datasheet HTML 4Page - Unisonic Technologies UTC8124 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC81XX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R119-001,I
MARKING INFORMATION
PACKAGE
PIN CODE
PIN 1 PIN 2 PIN 3
PIN4
PIN 5
MARKING
2
VCC
VOUT
GND
--
--
3
VOUT
GND
VCC
--
--
SOT-23
5
GND
VOUT
VCC
--
--
1
2
3
DATE
CODE
PIN CODE
VOLTAGE
CODE
A
NC
NC
GND
VOUT
VCC
SOT-25
B
VOUT
VCC
GND
NC
NC
5
4
3
DATE
CODE
PIN CODE
VOLTAGE
CODE
21
D
Vcc
GND
Vout
--
--
TO-92
E
Vout
Vin
GND
12
3
UTC
81XX
PIN CODE
DATE
CODE
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC
-0.3~+10
V
ELECTRICAL CHARACTERISTICS (Ta=25°C, The unit of resistance is Ω unless otherwise indicated.)
PARAMETER
SYMBOL
(*1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UTC 8150
4.850
5.000
5.150
UTC 8146
4.462
4.600
4.738
UTC 8145
4.365
4.500
4.635
UTC 8144
4.268
4.400
4.532
UTC 8143
4.171
4.300
4.429
UTC 8142
4.074
4.200
4.326
UTC 8141
3.977
4.100
4.223
UTC 8140
3.880
4.000
4.120
UTC 8139
3.783
3.900
4.017
UTC 8138
3.686
3.800
3.914
UTC 8137
3.589
3.700
3.811
Detection Voltage
Vs
1
RL=470
Ω,
Vcc=H->L ,
Vo=Vcc
UTC 8136
3.492
3.600
3.708
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com