Electronic Components Datasheet Search
  English  ▼

X  

UTC8124 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTC8124
Description  LINER INTERFRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC8124 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTC8124 Datasheet HTML 1Page - Unisonic Technologies UTC8124 Datasheet HTML 2Page - Unisonic Technologies UTC8124 Datasheet HTML 3Page - Unisonic Technologies UTC8124 Datasheet HTML 4Page - Unisonic Technologies UTC8124 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC81XX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R119-001,I
PARAMETER
SYMBOL
(*1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UTC 8135
3.395
3.500
3.605
UTC 8134
3.298
3.400
3.502
UTC 8133
3.201
3.300
3.399
UTC 8132
3.104
3.200
3.296
UTC 8131
3.007
3.100
3.193
UTC 8130
2.910
3.000
3.090
UTC 8129
2.813
2.900
2.987
UTC 8128
2.716
2.800
2.884
UTC 8127
2.619
2.700
2.781
UTC 8126
2.522
2.600
2.678
UTC 8125
2.425
2.500
2.575
UTC 8124
2.328
2.400
2.472
UTC 8123
2.231
2.300
2.369
UTC 8122
2.134
2.200
2.266
UTC 8121
2.037
2.100
2.163
UTC 8120
1.940
2.000
2.060
UTC 8119
1.843
1.900
1.957
UTC 8118
1.746
1.800
1.854
Hysteresis Voltage
∆Vs
1
RL=470
Ω, Vcc=L->H->L,
Vo=Vcc
30
50
100
mV
Detection Voltage Temperature
Coefficient
Vs/
∆T
1
RL=470
Ω, Ta=-20~+75°C
Vo=Vcc
±0.01
%/
°C
Low Level Output Voltage
VOL
1
Vcc=Vs min.-0.05V,
RL=470
Ω , Vo=Vcc
0.2
0.4
V
Output Leakage Current
IOH
1
Vcc=10V , Vo=Vcc
±0.1
µA
Circuit Current at ON Time
ICCL
1
Vcc=Vs min.-0.05V, RL=
∞,
Vo=Vcc
3
5
µA
Circuit Current at OFF Time
ICCH
1
Vcc=Vs typ./0.85, RL=
∞,
Vo=Vcc
3
5
µA
“H” Transmission Delay Time
TpLH (*2)
2
CL=100pF, RL=4.7K
Ω
20
60
µS
“L” Transmission Delay Time
TpHL (*3)
2
CL=100pF, RL=4.7k
Ω
20
60
µS
Operating Threshold Voltage
VOPL
1
RL=4.7k
Ω, VOL<=0.4V
0.65
0.85
V
Output current at ON Time 1
IOL1
1
RL=0, Vcc=Vs min.-0.05V,
Vo=0.4V
5
mA
Output current at ON Time 2
IOL2
1
Ta=-20~+75
°C
RL=0, Vcc=Vs min.-0.15V
Vo=0.4V
3
mA
Note:
(*1) MEASUREMENT CIRCUIT
(*2) TpLH: Vcc=(Vs Typ. –0.4V) -> (Vs Typ. +0.4V)
(*3) TpHL: Vcc=(Vs Typ. +0.4V) -> (Vs Typ. -0.4V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com