Electronic Components Datasheet Search
  English  ▼

X  

PDTC144WMB Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PDTC144WMB
Description  NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 22 k廓
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144WMB Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PDTC144WMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC144WMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC144WMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC144WMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC144WMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC144WMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC144WMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144WMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144WMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PDTC144WMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 2 July 2012
4 of 11
NXP Semiconductors
PDTC144WMB
NPN resistor-equipped transistor; R1 = 47 k
Ω, R2 = 22 kΩ
7.
Characteristics
[1]
Characteristics of built-in transistor.
FR4 PCB, standard footprint
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab603
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =50V; IE =0A; Tamb = 25 °C
-
-
100
nA
ICEO
collector-emitter cut-off
current
VCE =30V; IB =0A; Tamb = 25 °C
--1
µA
VCE =30V; IB =0A; Tj = 150 °C
--5
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC =0A; Tamb = 25 °C
-
-
110
µA
hFE
DC current gain
VCE =5V; IC =5 mA; Tamb =25°C
60
-
-
VCEsat
collector-emitter
saturation voltage
IC =10mA; IB = 0.5 mA; Tamb = 25 °C
-
-
150
mV
VI(off)
off-state input voltage
VCE =5V; IC = 100 µA; Tamb =25°C
-
1.7
1.2
V
VI(on)
on-state input voltage
VCE =0.3 V; IC =2mA; Tamb =25°C
4
2.7
-
V
R1
bias resistor 1 (input)
Tamb = 25 °C
334761k
Ω
R2/R1
bias resistor ratio
0.37
0.47
0.57
CC
collector capacitance
VCB =10V; IE =0A; ie =0A;
f=1MHz; Tamb =25°C
--2.5
pF
fT
transition frequency
VCE =5V; IC = 10mA; f=100MHz;
Tamb =25°C
[1]
-
230
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com