Electronic Components Datasheet Search
  English  ▼

X  

74AXP1T57GS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T57GS
Description  Dual supply configurable multiple function gate
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T57GS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74AXP1T57GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Nexperia
74AXP1T57
Dual supply configurable multiple function gate
74AXP1T57
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 5 — 3 July 2017
3 / 24
6 Pinning information
6.1 Pinning
aaa-018527
Y
C
VCCO
GND
B
A
VCCI
74AXP1T57
GND
1
2
3
4
6
5
8
7
Figure 3.  Pin configuration VSSOP8
aaa-018528
74AXP1T57
VCCO
C
Y
GND
8
7
6
5
1
2
3
4
VCCI
A
B
GND
Transparent top view
Figure 4.  Pin configuration XSON8
1
2
3
VCCI
A
B
8
4
7
6
5
C
Y
GND
aaa-027036
Transparent top view
74AXP1T57
VCCO
GND
Figure 5.  Pin configuration X2SON8
6.2 Pin description
Table 3. Pin description
Symbol
Pin
Description
VCCI
1
input supply voltage
A, B, C
2, 3, 7
data input
GND [1]
4, 5
ground (0 V)
Y
6
data output
VCCO
8
output supply voltage
[1]
All GND pins must be connected to ground (0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com