Electronic Components Datasheet Search
  English  ▼

X  

74AXP1T57GS Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T57GS
Description  Dual supply configurable multiple function gate
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T57GS Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1T57GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Nexperia
74AXP1T57
Dual supply configurable multiple function gate
74AXP1T57
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 5 — 3 July 2017
10 / 24
11 Dynamic characteristics
Table 11. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit, see Figure 22; for waveform, see Figure 15.
VCCO
1.2 V
1.5 V ± 0.1 V
1.8 V ± 0.15 V
Symbol Parameter Conditions
Typ[1] Min Typ[1] Max
Min Typ[1] Max
Unit
Tamb = 25 °C
A, B and C to Y
[2]
VCCI = 0.75 V to 0.85 V
25
4
20
76
4
18
72
ns
VCCI = 1.1 V to 1.3 V
16.5
3.4
10.9
21.0
3.0
8.9
17.0 ns
VCCI = 1.4 V to 1.6 V
15.5
3.1
9.9
19.0
2.6
7.9
14.0 ns
VCCI = 1.65 V to 1.95 V
15.0
2.6
9.4
18.0
2.1
7.4
12.5 ns
tpd
propagation
delay
VCCI = 2.3 V to 2.7 V
14.5
2.7
8.9
17.5
2.2
6.9
11.7 ns
Tamb = -40 °C to +85 °C
A, B and C to Y
[2]
VCCI = 0.75 V to 0.85 V
25
3
20
151
3
18
148
ns
VCCI = 1.1 V to 1.3 V
16.5
3.4
10.9
21.0
3.0
8.9
17.0 ns
VCCI = 1.4 V to 1.6 V
15.5
3.1
9.9
19.0
2.6
7.9
14.0 ns
VCCI = 1.65 V to 1.95 V
15.0
2.6
9.4
18.0
2.1
7.4
12.5 ns
tpd
propagation
delay
VCCI = 2.3 V to 2.7 V
14.5
2.7
8.9
17.5
2.2
6.9
11.7 ns
tt
transition
time
VCCI = 0.75 V to 2.7 V
[3]
-
1.0
-
-
1.0
-
-
ns
[1]
Typical values are measured at nominal supply voltages and Tamb = +25 °C.
[2]
tpd is the same as tPLH and tPHL.
[3]
tt is the same as tTHL and tTLH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com