Electronic Components Datasheet Search
  English  ▼

X  

BC846BMB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC846BMB
Description  65 V, 100 mA NPN general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC846BMB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC846BMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - BC846BMB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC846BM NEXPERIA-BC846BM Datasheet
662Kb / 11P
65 V, 100 mA NPN general-purpose transistor
20 August 2015
logo
ON Semiconductor
BC846BM3T5G ONSEMI-BC846BM3T5G Datasheet
108Kb / 5P
General Purpose Transistor NPN Silicon
September, 2008 ??Rev. 1
BC846BM3T5G ONSEMI-BC846BM3T5G Datasheet
102Kb / 5P
General Purpose Transistor
January, 2014 ??Rev. 3
BC846BM3T5G ONSEMI-BC846BM3T5G_14 Datasheet
102Kb / 5P
General Purpose Transistor
January, 2014 ??Rev. 3
logo
Fairchild Semiconductor
BC846BMTF FAIRCHILD-BC846BMTF Datasheet
149Kb / 5P
NPN Epitaxial Silicon Transistor
More results

Similar Description - BC846BMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846BS NXP-BC846BS Datasheet
106Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01-24 August 2009
BC846DS NXP-BC846DS Datasheet
109Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01-17 July 2009
logo
Nexperia B.V. All right...
BC846BM NEXPERIA-BC846BM Datasheet
662Kb / 11P
65 V, 100 mA NPN general-purpose transistor
20 August 2015
BC846BS-Q NEXPERIA-BC846BS-Q Datasheet
249Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
17 June 2021
BC846BS NEXPERIA-BC846BS Datasheet
246Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
1 July 2022
BC846DS NEXPERIA-BC846DS Datasheet
640Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 17 July 2009
BC846XQB-Q_SER NEXPERIA-BC846XQB-Q_SER Datasheet
230Kb / 12P
65 V, 100 mA NPN general-purpose transistor
Rev. 1 - 20 September 2021
BC846XQB_SER NEXPERIA-BC846XQB_SER Datasheet
229Kb / 12P
65 V, 100 mA NPN general-purpose transistor
Rev. 1 - 20 September 2021
BC846XQC-Q_SER NEXPERIA-BC846XQC-Q_SER Datasheet
249Kb / 12P
65 V, 100 mA NPN general-purpose transistor
Rev. 2 - 12 May 2021
BC846XQC_SER NEXPERIA-BC846XQC_SER Datasheet
241Kb / 12P
65 V, 100 mA NPN general-purpose transistor
Rev. 1 - 4 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com