Electronic Components Datasheet Search
  English  ▼

X  

BC846BMB Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC846BMB
Description  65 V, 100 mA NPN general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC846BMB Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC846BMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC846BMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1.
Product profile
1.1 General description
NPN general-purpose transistor in a leadless ultra small DFN1006B-3 (SOT883B)
Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
Leadless ultra small SMD plastic package
Low package height of 0.37 mm
Power dissipation comparable to SOT23
AEC-Q101 qualified
1.3 Applications
General-purpose switching and amplification
Mobile applications
1.4 Quick reference data
2.
Pinning information
BC846BMB
65 V, 100 mA NPN general-purpose transistor
Rev. 1 — 15 May 2012
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
65
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE =5 V;
IC =2mA
200
-
450
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1base
2emitter
3
collector
3
1
2
Transparent
top view
sym021
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com