Electronic Components Datasheet Search
  English  ▼

X  

MIPP Datasheet(PDF) 4 Page - Belden Inc.

Part # MIPP
Description  MIPP Pre-Terminated MPO Cassette
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

MIPP Datasheet(HTML) 4 Page - Belden Inc.

  MIPP Datasheet HTML 1Page - Belden Inc. MIPP Datasheet HTML 2Page - Belden Inc. MIPP Datasheet HTML 3Page - Belden Inc. MIPP Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TDS
MIPP MPO
Version
1.0
Date
October 2015
Page
4 of 4
Ordering information
Please contact your Belden representative or customer service to verify your selected configuration.
Part numbers
EPN
Configuration
Description
MIPP-P1-001
MIPP/AD/PSLDMA
MIPP with Pre-Terminated MPO Cassette with 6 LC OS2/UPC duplex
adapters (blue) to 1 MPO-12 (male), Polarity Type-A
MIPP-P2-002
MIPP/AD/P4LDMA
MIPP with Pre-Terminated MPO Cassette with 6 LC OM4 duplex
adapters (aqua) to 1 MPO-12 (male), Polarity Type-A
Belden declares this product to be in compliance with the environmental regulations EU RoHS (Directive 2002/95/EC, 27
January 2003); this is valid for all material produced after the RoHS compliant date for this product.
MIPP™ Pre-Term Configurator
M I P P / A D / P 4 L D M A / X X X X X X / X X X X X X / X X X X X X
Housing
Fiber MPO Cassette
P 4 L D M A
Housing
MPO Cassette
X No Housing
P Pre Term Cassette
A 1 x single module
B 2 x single module
Fiber Type
C 3 x single module
4 MM/OM4
D 4 x single module
S SM/OS2 UPC
*
Connector (Patch Side)
LD LC Duplex
Mounting
D Standard DIN Rail
Connector (Trunk Side)
W Wall Mount Plate included
M 1-Port MPO-12 (m)
X No Housing
Polarity
A Type - A
* For additional Housings and Cassette combinations, please contact Customer Service.
CASSETTE 3
CASSETTE 4
CASSETTE 1
CASSETTE 2
HOUSING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com