Electronic Components Datasheet Search
  English  ▼

X  

MIPP Datasheet(PDF) 1 Page - Belden Inc.

Part # MIPP
Description  MIPP Pre-Terminated MPO Cassette
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

MIPP Datasheet(HTML) 1 Page - Belden Inc.

  MIPP Datasheet HTML 1Page - Belden Inc. MIPP Datasheet HTML 2Page - Belden Inc. MIPP Datasheet HTML 3Page - Belden Inc. MIPP Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MIPP Pre-Terminated MPO Cassette
Modular Industrial Patch Panel
With Pre-Terminated MPO Cassette
Application
MIPP™ is an industrial termination and patching panel enabling cables to be terminated and linked to active equipment
such as switches. Its robust design protects connections in nearly any industrial application. MIPP™ Pre-Terminated
MPO Cassette allows reliable, plug & play network designs. The Pre-Terminated MPO Cassette provides minimum
installation time with 100% tested components, allowing a fast connection of Pre-Terminated MPO Fiber Trunk cable to
LC-based active equipment.
Features
• Robust design of lightweight, high strength aluminium housing
• DIN rail (TS35 in EN 60715) or wall mount plate as option
• Allows connection of MPO (12 fiber) Trunks to LC ports
• Standard OS2/UPC and OM4 application ready
• Temperature range from -10ºC to +60°C
• 100% tested (test report included)
• UL 1863
Cassette
Pre-Terminated module with one MPO (12 fibers) on bottom or top side (Trunk side). The
MPO in internally connected by means of a fan out, to six LC duplex adapters (12 fibers)
on the front (Patch side).
Construction
The aluminium housing design can hold up to 6 cassettes (maximum width 182mm). One cassette has a width of 30mm.
See below for the dimensions of a single cassette. Both module and housing are powder coated.
Figure 1 - MIPP with MPO to LC Cassette including dimensions


Similar Part No. - MIPP

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
MIP HONEYWELL-MIP Datasheet
1Mb / 8P
Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
09/21
logo
VIGO Photonics S.A.
MIP VIGO-MIP Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-100K VIGO-MIP-10-100K Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-100M VIGO-MIP-10-100M Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-10M VIGO-MIP-10-10M Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
More results

Similar Description - MIPP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7352S PANASONIC-AN7352S Datasheet
49Kb / 3P
Playback Pre-amplifier for Stereo Cassette Deck
logo
Glenair, Inc.
750-100 GLENAIR-750-100 Datasheet
35Kb / 2P
Adapter to Adapter Pre-Terminated Assemblies
750-102 GLENAIR-750-102 Datasheet
47Kb / 2P
Connector to Connector Pre-Terminated Assemblies
750-106 GLENAIR-750-106 Datasheet
63Kb / 1P
Pre-Terminated Assemblies
750-110 GLENAIR-750-110 Datasheet
97Kb / 2P
Connector to Adapter Pre-Terminated Assemblies
logo
Tripp Lite. All Rights ...
N4826M126M12 TRIPPLITE-N4826M126M12 Datasheet
516Kb / 2P
40Gb Pass-Through Cassette - (x6) 12-Fiber MTP-MPO
N482-6M12-6M12 TRIPPLITE-N482-6M12-6M12 Datasheet
164Kb / 2P
40Gb Pass-Through Cassette - (x6) 12-Fiber MTP/MPO ( Female )
N484-12M12 TRIPPLITE-N484-12M12 Datasheet
166Kb / 2P
40Gb Pass-Through Cassette - (x12) 12-Fiber MTP/MPO ( Female )
N482TAP-4MM73M8 TRIPPLITE-N482TAP-4MM73M8 Datasheet
177Kb / 3P
Fiber TAP Cassette - Multimode, 8-Fiber MPO to MPO, 4 Monitoring Ports, 70/30 Split
N482TAP-4SM73M8 TRIPPLITE-N482TAP-4SM73M8 Datasheet
176Kb / 3P
Fiber TAP Cassette - Singlemode, 8-Fiber MPO to MPO, 4 Monitoring Ports, 70/30 Split
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com