Electronic Components Datasheet Search
  English  ▼

X  

MTC20136 Datasheet(PDF) 11 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 7Page - STMicroelectronics MTC20136 Datasheet HTML 8Page - STMicroelectronics MTC20136 Datasheet HTML 9Page - STMicroelectronics MTC20136 Datasheet HTML 10Page - STMicroelectronics MTC20136 Datasheet HTML 11Page - STMicroelectronics MTC20136 Datasheet HTML 12Page - STMicroelectronics MTC20136 Datasheet HTML 13Page - STMicroelectronics MTC20136 Datasheet HTML 14Page - STMicroelectronics MTC20136 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/25
MTC20136
J11
C_A5
CTRL-E Interface
H14
C_A6
CTRL-E Interface
J13
C_A7
CTRL-E Interface
J12
C_A8
CTRL-E Interface
H11
VDD
VDD
H13
VSS
VSS
H12
I_BP
Reserved (0)
G11
I_DBGRQ
Reserved (0)
F14
notCS_7
EBI - ASIC Chip Select
G13
notCS_6
EBI - ASIC Chip Select
G12
notCS_5
EBI - ASIC Chip Select
E14
VDD
VDD
F11
VSS
VSS
F13
E_nCS_2
EBI - SDRAM Chip Select
F12
E_nCS_1
EBI - SRAM Chip Select
E11
E_nCS_0
EBI - FLASH Chip Select
E13
E_nOE
EBI - OE
E12
E_D15
EBI Data
C14
VDD
VDD
D11
VSS
VSS
D13
E_D14
EBI Data
B14
E_D13
EBI Data
D12
E_D12
EBI Data
A14
E_D11
EBI Data
C13
E_D10
EBI Data
B13
E_D9
EBI Data
C11
VSS
VSS
C12
VDD
VDD
B12
E_D8
EBI Data
D10
E_D7
EBI Data
B11
E_D6
EBI Data
A11
E_D5
EBI Data
C10
E_D4
EBI Data
B10
VDD
VDD
A10
VSS
VSS
D9
E_D3
EBI Data
C9
E_D2
EBI Data
A9
E_D1
EBI Data
B9
E_D0
EBI Data
D8
E_A0
EBI Address
B8
VDD
VDD
C8
VSS
VSS
D7
E_A1
EBI Address
LFBGA160 Pin Configuration (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25