Electronic Components Datasheet Search
  English  ▼

X  

MTC20136 Datasheet(PDF) 14 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 10Page - STMicroelectronics MTC20136 Datasheet HTML 11Page - STMicroelectronics MTC20136 Datasheet HTML 12Page - STMicroelectronics MTC20136 Datasheet HTML 13Page - STMicroelectronics MTC20136 Datasheet HTML 14Page - STMicroelectronics MTC20136 Datasheet HTML 15Page - STMicroelectronics MTC20136 Datasheet HTML 16Page - STMicroelectronics MTC20136 Datasheet HTML 17Page - STMicroelectronics MTC20136 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MTC20136
14/25
Figure 3. Access to MTC20135, MTC20455
SDRAM
The SDRAM interface allows a glue-less interconnection of 1 SDRAM. Following features are provided for
SDRAM access.
– 16 bit databus and 12 bit address bus.
– control signals : S_nCS, S_nRAS, S_nCAS, S_nWE, S_DQM[1:0
Control signal timing
All SDRAM actions are triggered at the rising edge of its clock. Timing diagrams for a burst of four 16-bit
accesses to 16-bit SDRAM (Figure 3 and Figure 4) show the basic behavior of the control signals.
Figure 4. SDRAM read access (CAS latency = 3; Burst length = 4)
E_CLK
Ta
Tw
Td
Tr
Ti
Ta
Tw
Td
Tr
notCSi
ALE
E_D
Add 1
Read
Access
Write
Access
Add 2
Dout
EBI
Din
notRDYRCV
W/notR
EAact
EArw
EApre
S_clk
S_nCS
S_nRAS
S_nCAS
S_nWE
S_DQM[1:0]
S_A[11:0]
S_Q[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25