Electronic Components Datasheet Search
  English  ▼

X  

PSMN014-60LS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PSMN014-60LS
Description  N-channel DFN3333-8 60 V 14 m廓 standard level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN014-60LS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PSMN014-60LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PSMN014-60LS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 8 December 2011
3 of 14
NXP Semiconductors
PSMN014-60LS
N-channel DFN3333-8 60 V 14 m
Ω standard level MOSFET
Fig 1.
Continuous drain current as a function of
mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of solder point temperature
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
003aae469
0
10
20
30
40
50
0
50
100
150
200
Tmb(°C)
ID
(A)
(1)
Tmb (°C)
0
200
150
50
100
003aab937
40
80
120
Pder
(%)
0
003aae470
10
-1
1
10
10
2
10
3
10
-1
1
10
10
2
V DS(V)
ID
(A)
Limit RDSon = VDS/ ID
DC
100 ms
10 ms
1 ms
100
μs
tp=10 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com