Electronic Components Datasheet Search
  English  ▼

X  

PSMN014-60LS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PSMN014-60LS
Description  N-channel DFN3333-8 60 V 14 m廓 standard level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN014-60LS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PSMN014-60LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PSMN014-60LS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN014-60HS NEXPERIA-PSMN014-60HS Datasheet
336Kb / 12P
N-channel 60 V, 14 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
More results

Similar Description - PSMN014-60LS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN8R5-60YS NXP-PSMN8R5-60YS Datasheet
250Kb / 15P
N-channel LFPAK 60 V, 8 m廓 standard level MOSFET
Rev. 01-22 December 2009
PSMN015-60PS NXP-PSMN015-60PS Datasheet
242Kb / 14P
N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 02-22 February 2010
PSMN3R5-30LL PHILIPS-PSMN3R5-30LL_11 Datasheet
345Kb / 15P
N-channel DFN3333-8 30 V 3.6 m廓 logic level MOSFET
Rev. 4-12 December 2011
PSMN8R5-60YS PHILIPS-PSMN8R5-60YS_15 Datasheet
258Kb / 14P
N-channel LFPAK 60 V, 8 m廓 standard level MOSFET
22 July 2015
logo
Nexperia B.V. All right...
PSMN5R8-30LL NEXPERIA-PSMN5R8-30LL Datasheet
478Kb / 16P
N-channel DFN3333-8 30 V 5.8 m廓 logic level MOSFET
PSMN7R0-40LS NEXPERIA-PSMN7R0-40LS Datasheet
455Kb / 15P
N-channel DFN3333-8 40 V 7.0 m廓 standard level MOSFET
BUK7K17-60E NEXPERIA-BUK7K17-60E Datasheet
763Kb / 13P
Dual N-channel 60 V, 14 m廓 standard level MOSFET
PSMN035-100LS NEXPERIA-PSMN035-100LS Datasheet
475Kb / 15P
N-channel DFN3333-8 100 V 32 m廓 standard level MOSFET
PSMN023-80LS NEXPERIA-PSMN023-80LS Datasheet
461Kb / 15P
N-channel DFN3333-8 80 V 23 m廓 standard level MOSFET
PSMN017-30LL NEXPERIA-PSMN017-30LL Datasheet
483Kb / 16P
N-channel DFN3333-8 30 V 17 m廓 logic level MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com