Electronic Components Datasheet Search
  English  ▼

X  

9463 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9463
Description  Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, CM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9463 Datasheet(HTML) 1 Page - Belden Inc.

  9463 Datasheet HTML 1Page - Belden Inc. 9463 Datasheet HTML 2Page - Belden Inc. 9463 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 9463
Blue Hose®, 1 Pr #20 Str TC, PO Ins Blu,Wht, OS+TC Brd, PVC Jkt, CM
Product Description
Blue Hose® for Data Highway Plus, 1 Pair 20AWG (7x28) Tinned Copper, PO Insulation Blu,Wht Color Code, Overall Beldfoil®+Tinned Copper Braid(55%)
Shield, Blue PVC Outer Jacket, CM
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Pairs
20
7x28
TC - Tinned Copper 0.038 in
1
Conductor Count:
2
Insulation
Material
Nominal Diameter
PE - Polyethylene 0.078 in
Color Chart
Number
Color
1
Clear & Blue
Outer Shield Material
Type Layer
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape 1
Aluminum/Polyester Beldfoil®
100 %
TC - Tinned Copper 20
7x28H mm
Braid 2
TC - Tinned Copper
55 %
Outer Jacket Material
Material
Nominal Diameter
PVC - Polyvinyl Chloride 0.238 in
Construction and Dimensions
Stranding
Twists
Diameter
2.75 twist/ft 0.154 mm
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR
9.5 Ohm/1000ft
4.1 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
19.7 pF/ft
36 pF/ft
Inductance
Nominal Inductance


Similar Part No. - 9463

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9463 ETC2-9463 Datasheet
89Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
logo
Belden Inc.
9463 BELDEN-9463 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
logo
List of Unclassifed Man...
94630011000 ETC2-94630011000 Datasheet
105Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
94630011000 ETC2-94630011000 Datasheet
89Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
946300110000 ETC2-946300110000 Datasheet
105Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results

Similar Description - 9463

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3105A BELDEN-3105A Datasheet
253Kb / 3P
RS485, 1 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3107A BELDEN-3107A Datasheet
251Kb / 3P
RS485, 2 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3108A BELDEN-3108A Datasheet
251Kb / 3P
RS485, 3 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3109A BELDEN-3109A Datasheet
251Kb / 3P
RS485, 4 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
9843 BELDEN-9843 Datasheet
258Kb / 3P
RS485, 3 Pr #24 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3072F BELDEN-3072F Datasheet
253Kb / 3P
Blue Hose짰, 1 Pr #18 Str TC, PO Ins, OSTC Brd, PVC Jkt, 600V TC
9463DB BELDEN-9463DB Datasheet
259Kb / 2P
Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PO Jkt, DIR BUR
9463F BELDEN-9463F Datasheet
260Kb / 3P
Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, High Flex CM
89463 BELDEN-89463 Datasheet
267Kb / 3P
Blue Hose짰, 1 Pr #20 Str TC, FEP Ins Blu,Wht, OSTC Brd, FEP Jkt, CMP
129463 BELDEN-129463 Datasheet
264Kb / 3P
Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt, CM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com