Electronic Components Datasheet Search
  English  ▼

X  

9463 Datasheet(PDF) 3 Page - Belden Inc.

Part # 9463
Description  Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, CM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9463 Datasheet(HTML) 3 Page - Belden Inc.

  9463 Datasheet HTML 1Page - Belden Inc. 9463 Datasheet HTML 2Page - Belden Inc. 9463 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 UL Loading
ISO/IEC Flammability:
IEC 60332-1-2
UL voltage rating:
300 V RMS (UL AWM Style 2464)
Plenum/Non-Plenum
Plenum Number:
89463
Part Number
Variants
Item #
Color
UPC
Length
Footnote
9463.001000
Blue
1,000 m
9463.001829
Blue
1,829 m
9463.0030
Blue
30 m
9463.00305
Blue
305 m
9463.00U152
Blue
152 m
9463.00U305
Blue
305 m
9463.01152
Blue
152 m
9463.K0305
Blue
305 m
9463 J22100
Blue, Strong 612825253549 100 ft
9463 J221000
Blue, Strong 612825253556 1,000 ft
C
9463 J2212000 Blue, Strong 612825253563 2,000 ft
C Y
9463 J22500
Blue, Strong 612825253570 500 ft
9463 J226000
Blue, Strong 612825253587 6,000 ft
C Z
9463 J22U1000 Blue, Strong 612825253525 1,000 ft
9463 J22U500
Blue, Strong 612825253532 500 ft
9463.02305
Brown
305 m
9463.023050
Brown
3,050 m
9463 0011000
Brown
612825253594 1,000 ft
9463 00110000 Brown
612825253600 10,000 ft C Z
9463 00112000 Brown
612825253617 2,000 ft
C Y
9463 0016000
Brown
612825253624 6,000 ft
C Z
9463.031829
Orange
1,829 m
9463.03305
Orange
305 m
9463 0031000
Orange
612825253631 1,000 ft
C
9463 00310000 Orange
612825253648 10,000 ft C Z
9463 00312000 Orange
612825253655 2,000 ft
C Y
9463 0036000
Orange
612825253662 6,000 ft
C Z
9463.041829
Violet
1,829 m
9463.04305
Violet
305 m
9463 0071000
Violet
612825253679 1,000 ft
C
9463 0076000
Violet
612825253686 6,000 ft
C Z
Footnote:
C - CRATE REEL PUT-UP.
Footnote:
Z - FINAL PUT-UP MAY VARY (= OR -) 10% FOR SPOOLS OR REELS AND (+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Footnote:
Y - FINAL PUT-UP LENGTH MAY VAR -10% TO +20% FROM LENGTH SHOWN. MAY CONTAIN 2 PIECES. MINIMUM LENGTH OF ANY ONE PIECE IS 1500'.
History
Update and Revision:
Revision Number: 0.336 Revision Date: 08-22-2019
© 2019 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com