Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005ESF Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMEG2005ESF
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2005ESF Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMEG2005ESF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PMEG2005ESF
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
Product data sheet
1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with
an integrated guard ring for stress protection in a DSN0603-2 (SOD962-2) leadless ultra
small Chip-Scale Package (CSP).
2. Features and benefits
• Average forward current IF(AV) ≤ 0.5 A
• Reverse voltage VR ≤ 20 V
• Low forward voltage typ. VF = 310 mV
• Low reverse current typ. IR = 0.37 µA
• Package height typ. 0.3 mm
3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Ultra high speed switching
• LED backlight for mobile application
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
δ = 0.5; f = 20 kHz; Tamb = 110 °C;
square wave
[1]
-
-
0.5
A
IF(AV)
average forward
current
δ = 0.5; f = 20 kHz; Tsp = 145 °C;
square wave
-
-
0.5
A
VR
reverse voltage
Tj = 25 °C
-
-
20
V
VF
forward voltage
IF = 10 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
310
380
mV
IR
reverse current
VR = 10 V; Tj = 25 °C; pulsed
-
0.37
2
µA
trr
reverse recovery time
IF = 500 mA; IR = 500 mA;
IR(meas) = 100 mA; Tj = 25 °C
-
1.9
-
ns
[1] Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.


Similar Part No. - PMEG2005ESF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
More results

Similar Description - PMEG2005ESF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005EPK PHILIPS-PMEG2005EPK Datasheet
1Mb / 13P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 January 2012
PMEG2005BELD PHILIPS-PMEG2005BELD_15 Datasheet
210Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
4 August 2015
PMEG2005EPK PHILIPS-PMEG2005EPK_15 Datasheet
1Mb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
logo
Nexperia B.V. All right...
PMEG2005EGW NEXPERIA-PMEG2005EGW Datasheet
682Kb / 12P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005AESF NEXPERIA-PMEG2005AESF Datasheet
690Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG2005EGW-Q NEXPERIA-PMEG2005EGW-Q Datasheet
220Kb / 11P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
10 August 2022
PMEG2005BELD-Q NEXPERIA-PMEG2005BELD-Q Datasheet
243Kb / 12P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
17 May 2021
PMEG2005EPK NEXPERIA-PMEG2005EPK Datasheet
1Mb / 15P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
PMEG2005ELD NEXPERIA-PMEG2005ELD Datasheet
1Mb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 4 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com