Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005ESF Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PMEG2005ESF
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2005ESF Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PMEG2005ESF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 12Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 13Page - Nexperia B.V. All rights reserved PMEG2005ESF Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMEG2005ESF
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005ESF
All information provided in this document is subject to legal disclaimers.
Product data sheet
13 February 2015
13 / 14
grant, conveyance or implication of any license under any copyrights, patents
or other industrial or intellectual property rights.
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from competent authorities.
Non-automotive qualified products — Unless this data sheet expressly
states that this specific Nexperia product is automotive qualified,
the product is not suitable for automotive use. It is neither qualified nor
tested in accordance with automotive testing or application requirements.
Nexperia accepts no liability for inclusion and/or use of non-
automotive qualified products in automotive equipment or applications.
In the event that customer uses the product for design-in and use in
automotive applications to automotive specifications and standards,
customer (a) shall use the product without Nexperia’s warranty
of the product for such automotive applications, use and specifications, and
(b) whenever customer uses the product for automotive applications beyond
Nexperia’s specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies Nexperia for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond Nexperia’s
standard warranty and Nexperia’s product specifications.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
15.4 Trademarks
Notice: All referenced brands, product names, service names and
trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com