Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASVL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF1508ASVL
Description  Highperformance EE PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF1508ASVL Datasheet HTML 3Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 4Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 5Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 6Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 7Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 8Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 9Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 10Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ATF1508ASV(L)
7
Design Software Support
ATF1508ASV(L) designs are supported by several third-
party tools. Automated fitters allow logic synthesis using a
variety of high-level description languages and formats.
Power-up Reset
The ATF1508ASV is designed with a power-up reset, a
feature critical for state machine initialization. At a point
delayed slightly from V
CC crossing VRST, all registers will be
initialized, and the state of each output will depend on the
polarity of its buffer. However, due to the asynchronous
nature of reset and uncertainty of how V
CC actually rises in
the system, the following conditions are required:
1.
The VCC rise must be monotonic,
2.
After reset occurs, all input and feedback setup
times must be met before driving the clock pin
high, and,
3.
The clock must remain stable during T
D.
The ATF1508ASV has two options for the hysteresis about
the reset level, VRST, Small and Large. To ensure a robust
operating environment in applications where the device is
operated near 3.0V, Atmel recommends that during the fit-
ting process users configure the device with the Power-up
Reset hysteresis set to Large. For conversions, Atmel
POF2JED users should include the flag “-power_reset” on
the command line after “filename.POF”. To allow the regis-
ters to be properly reinitialized with the Large hysteresis
option selected, the following condition is added:
4.
If V
CC falls below 2.0V, it must shut off com-
pletely before the device is turned on again.
When the Large hysteresis option is active, I
CC is reduced
by several hundred microamps as well.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATF1508ASV(L) fuse patterns. Once programmed,
fuse verify is inhibited. However, User Signature and
device ID remains accessible.
Programming
ATF1508ASV(L) devices are in-system programmable
(ISP) devices utilizing the 4-pin JTAG protocol. This capa-
bility eliminates package handling normally required for
programming and facilitates rapid design iterations and
field changes.
Atmel provides ISP hardware and software to allow pro-
gramming of the ATF1508ASV(L) via the PC. ISP is per-
formed by using either a download cable, a comparable
board tester or a simple microprocessor interface.
To allow ISP programming support by the Automated Test
Equipment (ATE) vendors, Serial Vector Format (SVF) files
can be created by the Atmel ISP software. Conversion to
other ATE tester format beside SVF is also possible
ATF1508ASV(L) devices can also be programmed using
standard third-party programmers. With third-party pro-
grammer, the JTAG ISP port can be disabled thereby
allowing four additional I/O pins to be used for logic.
Contact your local Atmel representatives or Atmel PLD
applications for details.
ISP Programming Protection
The ATF1508ASV(L) has a special feature that locks the
device and prevents the inputs and I/O from driving if the
programming process is interrupted for any reason. The
inputs and I/O default to high-Z state during such a condi-
tion. In addition the pin-keeper option preserves the former
state during device programming.
All ATF1508ASV(L) devices are initially shipped in the
erased state thereby making them ready to use for ISP.
Note:
For more information refer to the “Designing for In-Sys-
tem Programmability with Atmel CPLDs” application
note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com