Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASVL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF1508ASVL
Description  Highperformance EE PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF1508ASVL Datasheet HTML 1Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 2Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 3Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 4Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 5Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 6Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 7Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 8Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ATF1508ASV(L)
5
Figure 1. ATF1508ASV(L) Macrocell
Output Select and Enable
The ATF1508ASV(L) macrocell output can be selected as
registered or combinatorial. The buried feedback signal can
be either combinatorial or registered signal regardless of
whether the output is combinatorial or registered.
The output enable multiplexer (MOE) controls the output
enable signals. Any buffer can be permanently enabled for
simple output operation. Buffers can also be permanently
disabled to allow use of the pin as an input. In this configu-
ration. all the macrocell resources are still available,
including the buried feedback, expander and CASCADE
logic. The output enable for each macrocell can be
selected as one of the global OUTPUT enable signals. The
device has six global OE signals.
Global Bus/Switch Matrix
The global bus contains all input and I/O pin signals as well
as the buried feedback signal from all 128 macrocells.
The switch matrix in each logic block receives as its inputs
all signals from the global bus. Under software control, up
to 40 of these signals can be selected as inputs to the logic
block.
Foldback Bus
Each macrocell also generates a foldback product term.
This signal goes to the regional bus and is available to 16
macrocells. The foldback is an inverse polarity of one of the
macrocell’s product terms. The 16 foldback terms in each
region allow generation of high fan-in sum terms (up to 21
product terms) with little additional delay.
Open-collector Output Option
This option enables the device output to provide control
signals such as an interrupt that can be asserted by any of
the several devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com