Electronic Components Datasheet Search
  English  ▼

X  

2129A Datasheet(PDF) 1 Page - Belden Inc.

Part # 2129A
Description  Fieldbus, 5 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2129A Datasheet(HTML) 1 Page - Belden Inc.

  2129A Datasheet HTML 1Page - Belden Inc. 2129A Datasheet HTML 2Page - Belden Inc. 2129A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 2129A
Fieldbus, 5 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
Product Description
Fieldbus, 5 Pair 16AWG (7x24H) Tinned Copper, XLPO Insulation, Individual & Overall Beldfoil® Shield, Orange TPE Outer Jacket, 600V TC-ER
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
16
7x24
TC - Tinned Copper 5
Conductor Count:
10
Insulation
Material
Nominal Wall Thickness
XLP - Cross Linked Polyolefin 0.038 in
Color Chart
Number
Color
1
Blue and Orange Numbered 1
2
Blue and Orange Numbered 2
3
Blue and Orange Numbered 3
4
Blue and Orange Numbered 4
5
Blue and Orange Numbered 5
Inner Shield Material
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape
Aluminum Foil-Polyester
Tape
Beldfoil®
100 %
TC - Tinned Copper 18
7x26
Outer Shield Material
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape Aluminum/Polyester Beldfoil®
100 %
TC - Tinned Copper 16
7x24 mm
Outer Jacket Material
Material
Nominal Diameter Nominal Wall Thickness Ripcord
TPE - Thermoplastic Elastomer 0.789 in
0.063 in
Yes
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
4.2 Ohm/1000ft
Capacitance
Max. Capacitance Unbalance Nom. Capacitance Conductor to Conductor
1.2 pF/ft
22 pF/ft
Inductance


Similar Part No. - 2129A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2129 ETC2-2129 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2129 ETC2-2129 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Heyco.
2129 HEYCO-2129 Datasheet
105Kb / 1P
Universal Bushings
logo
CEE Norm UK Ltd
2129 CEENORM-2129 Datasheet
419Kb / 2P
Plugs
logo
Keystone Electronics Co...
2129 KEYSTONE-2129 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results

Similar Description - 2129A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2120A BELDEN-2120A Datasheet
256Kb / 3P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2123A BELDEN-2123A Datasheet
256Kb / 3P
Fieldbus, 16 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2126A BELDEN-2126A Datasheet
258Kb / 4P
Fieldbus, 50 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2128A BELDEN-2128A Datasheet
262Kb / 3P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2130A BELDEN-2130A Datasheet
262Kb / 3P
Fieldbus, 8 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2131A BELDEN-2131A Datasheet
262Kb / 3P
Fieldbus, 12 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2132A BELDEN-2132A Datasheet
262Kb / 3P
Fieldbus, 16 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2133A BELDEN-2133A Datasheet
261Kb / 3P
Fieldbus, 20 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2134A BELDEN-2134A Datasheet
262Kb / 3P
Fieldbus, 24 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2135A BELDEN-2135A Datasheet
264Kb / 3P
Fieldbus, 36 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com