Electronic Components Datasheet Search
  English  ▼

X  

2129A Datasheet(PDF) 2 Page - Belden Inc.

Part # 2129A
Description  Fieldbus, 5 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2129A Datasheet(HTML) 2 Page - Belden Inc.

  2129A Datasheet HTML 1Page - Belden Inc. 2129A Datasheet HTML 2Page - Belden Inc. 2129A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal Inductance
0.22 µH/ft
Impedance
Nominal Characteristic Impedance
100 Ohm
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
0.039 MHz
0.065 dB/100ft
Delay
Nominal Velocity of Propagation (VP) [%]
64 %
High Freq
Max. Insertion Loss (Attenuation) Max./Min. Input Impedance (unFitted)
0.091 dB/100ft
100 Ohm
Current
Element
Max. Recommended Current [A]
Per Conductor 10.1 Amps per Conductor
Voltage
Description
UL Voltage Rating
CSA CIC type TC 600 V RMS
Electrical Characteristics Notes:
Max Propagation Delay Change From 7.812 kHz to 39.06 kHz: 518 pS/ft
Other Electrical Characteristic 2:
31.25 KBits/sec
Temperature Range
Installation Temp Rating:
-25°C
UL Temp Rating:
90°C
Operating Temp Range:
-40°C To 90°C
Mechanical Characteristics
Oil Resistance:
Yes
Bulk Cable Weight:
294 lbs/1000ft
Max Recommended Pulling Tension:
504 lbs
Min Bend Radius/Minor Axis:
8 in
Standards
NEC/(UL) Specification:
TC-ER
CSA AWM Specification:
AWM I A/B II A/B
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Burial:
Yes
Suitability - Indoor:
Yes
Suitability - Oil Resistance:
Yes
Suitability - Outdoor:
Yes
Suitability - Sunlight Resistance:
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com