Electronic Components Datasheet Search
  English  ▼

X  

PMF63UNE Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMF63UNE
Description  20 V, N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMF63UNE Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMF63UNE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMF63UNE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMF63UNE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMF63UNE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMF63UNE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMF63UNE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMF63UNE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMF63UNE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMF63UNE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMF63UNE
20 V, N-channel Trench MOSFET
PMF63UNE
All information provided in this document is subject to legal disclaimers.
Product data sheet
20 April 2016
2 / 15
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
S
souce
3
D
drain
1
2
3
SC-70 (SOT323)
017aaa255
G
D
S
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMF63UNE
SC-70
plastic surface-mounted package; 3 leads
SOT323
7. Marking
Table 4.
Marking codes
Type number
Marking code
[1]
PMF63UNE
Z%V
[1] % = placeholder for manufacturing site code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com