Electronic Components Datasheet Search
  English  ▼

X  

PI6C104 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C104
Description  Spread Spectrum Clock Synthesizer for Desktop Pentium II
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C104 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C104 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
237
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8164B
03/15/99
PI6C104
Spread Spectrum Clock Synthesizer
for Desktop Pentium II
Byte 3 : Frequency, Spread Spectrum
Byte 4 : Clock Controls (1 = Enabled, 0 = Disabled)
#
ti
Bp
u
P#
n
i
Pe
m
a
Nn
o
it
p
i
r
c
s
e
D
7
0
~D
V
S
Rd
e
v
r
e
s
e
R
6~
0
S0
ti
B
t
c
el
e
S
y
c
n
e
u
q
e
r
F
5~
1
S1
ti
B
t
c
el
e
S
y
c
n
e
u
q
e
r
F
4~
2
S2
ti
B
t
c
el
e
S
y
c
n
e
u
q
e
r
F
3~
S
F
S
t
c
el
e
S
y
c
n
e
u
q
e
r
F
e
r
a
w
d
r
a
H
=
0
1
(
t
c
el
e
S
y
c
n
e
u
q
e
r
F
e
r
a
w
tf
o
S
=
1
2
).
g
e
r
C
2~
D
V
S
Rd
e
v
r
e
s
e
R
1~
1
E
D
O
M1
ti
B
e
d
o
M
0~
0
E
D
O
M0
ti
B
e
d
o
M
1
M0
M
00
ff
O
m
u
rt
c
e
p
S
d
a
e
r
p
S
01
e
d
o
M
t
s
e
T
10
n
O
m
u
rt
c
e
p
S
d
a
e
r
p
S
11
Z
-i
H
Byte 5 : PCI Clock Control (1 = Enabled, 0 = Disabled)
#
ti
Bp
u
P#
n
i
Pe
m
a
Nn
o
it
p
i
r
c
s
e
D
7
0
~
D
V
S
Rd
e
v
r
e
s
e
R
6~
5~
4~
3~
21
1
2N
E
1
U
P
Cel
b
a
n
E
si
tl
u
a
f
e
D
,
el
b
a
n
E
1
K
L
C
U
P
C
10
~
D
V
S
Rd
e
v
r
e
s
e
R
01
2
2N
E
0
U
P
Cel
b
a
n
E
si
tl
u
a
f
e
D
,
el
b
a
n
E
0
K
L
C
U
P
C
#
ti
Bp
u
P#
n
i
Pe
m
a
Nn
o
it
p
i
r
c
s
e
D
71
4
N
E
F
I
C
Pel
b
a
n
E
si
tl
u
a
f
e
D
,
el
b
a
n
E
F
_
I
C
P
60
1
1N
E
6
I
C
Pel
b
a
n
E
si
tl
u
a
f
e
D
,
el
b
a
n
E
6
I
C
P
51
0
1N
E
5
I
C
Pel
b
a
n
E
si
tl
u
a
f
e
D
,
el
b
a
n
E
5
I
C
P
40
~
~
d
e
v
r
e
s
e
R
3
1
8N
E
4
I
C
Pel
b
a
n
E
si
tl
u
a
f
e
D
,
el
b
a
n
E
4
I
C
P
27
N
E
3
I
C
Pel
b
a
n
E
si
tl
u
a
f
e
D
,
el
b
a
n
E
3
I
C
P
16
N
E
2
I
C
Pel
b
a
n
E
si
tl
u
a
f
e
D
,
el
b
a
n
E
2
I
C
P
05
N
E
1
I
C
Pel
b
a
n
E
si
tl
u
a
f
e
D
,
el
b
a
n
E
1
I
C
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com