Electronic Components Datasheet Search
  English  ▼

X  

PI6C104 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C104
Description  Spread Spectrum Clock Synthesizer for Desktop Pentium II
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C104 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C104 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
234
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8164B
03/15/99
PI6C104
Spread Spectrum Clock Synthesizer
for Desktop Pentium II
PCICLK_F/S1
PCICLK1
VSS
PCICLK3
PCICLK4
PCICLK2
PCICLK5
PCICLK6/PD#
VDD
48M/MODE
24M/REF/S2
VSS
VDD
VDD2
VDD2
CPUCLK0
CPUCLK1
VDD
VSS
SDATA
SCLK
S0
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
XTAL_IN
XTAL_OUT
VDD
APIC
REF1/P14
PinConfiguration
BlockDiagram
Features
• Up to 112 MHz operation
• SpreadSpectrumModulationforCPUCLK,andPCICLK
• Two copies of CPU clock with VDD of 2.5V ±5%
• Seven copies of PCI clock,
(synchronous with CPU clock) 3.3V
• OnecopyofRef.clock@14.31818MHz(3.3VTTL)
• 48MHzUSBClock,24MHzSuperI/Oclock
• I2C Serial Configuration Interface
• Low cost 14.31818MHz crystal oscillator input
• Power management control
• Isolated core VDD, VSS pins for noise reduction
• 28-pin SSOP (H) and SOIC package (S)
Description
The PI6C104 is a high-speed low-noise clock generator designed
to work with the PI6C18X family of clock buffer to meet all clock
needs for Desktop Intel Architecture platforms. CPU and chipset
clock frequencies from 66.6 MHz to 112 MHz are supported.
Split supplies of 3.3V and 2.5V are used. The 3.3V power supply
powers a portion of the I/O and the core. The 2.5V is used to power
the remaining outputs (CPU and APIC). 2.5V signaling follows
JEDEC standard 8-X. Power sequencing of the 3.3V and 2.5V
supplies is not required.
An asynchronous PD# signal may be used to orderly power down
(or up) the system during power on.
28-Pin
H, S
REF1
APIC
VDDREF
VDDAPIC
PCICLK[1:6]
CPUCLK[0:1]
REF
OSC
VDDCPU
2
6
VDDPCI0,1
PCICLK_F
Div
PLL1
SEL
XTAL_OUT
XTAL_IN
S[0..2]
SDATA
SCLOCK
I2C
PLL2
VDDP2
PI4
48MHz
24MHz/REF
MUX


Similar Part No. - PI6C104

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
More results

Similar Description - PI6C104

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
ICS650-44 ICST-ICS650-44 Datasheet
176Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 080305
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
27MHz Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com