Electronic Components Datasheet Search
  English  ▼

X  

TLC156R Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TLC156R
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TLC156R Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TLC156R Datasheet HTML 17Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 18Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 19Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 20Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 21Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 22Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 23Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 24Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
2.6.1 Power-up Reset Timer(PWRT)
The Power-up Reset Timer provides a nominal 18ms delay after Power-on Reset (POR), Brown-out Reset (BOR),
RSTB Reset or WDT time-out Reset. The device is kept in reset state as long as the PWRT is active.
The PWDT delay will vary from device to device due to Vdd, temperature, and process variation.
2.6.2 Oscillator Start-up Timer(OST)
The OST timer provides a 128 oscillator cycle delay (from OSCI input) after the PWRT delay (18ms) is over. This
delay ensures that the X’tal oscillator or resonator has started and stabilized. The device is kept in reset state as
long as the OST is active.
This counter only starts incrementing after the amplitude of the OSCI signal reaches the oscillator input thresholds.
2.6.3 Reset Sequence
When Power-on Reset (POR), Brown-out Reset (BOR), RSTB Reset or WDT time-out Reset is detected, the reset
sequence is as follows:
1.
The reset latch is set and the PWRT & OST are cleared.
2.
When the internal POR, BOR, RSTB Reset or WDT time-out Reset pulse is finished, then the PWRT begins
counting.
3.
After the PWRT time-out, the OST is activated.
4.
And after the OST delay is over, the reset latch will be cleared and thus end the on-chip reset signal.
The totally system reset delay time is 18ms plus 128 oscillator cycle time.
FIGURE 2.5: Simplified Block Diagram of on-chip Reset Circuit
Low Voltage
Detector
(LVD)
Vdd
On-Chip
RC OSC
S
Q
Reset
Latch
R
Q
RESET
CHIP
POR
RESET
Power-up
Reset Timer
(PWRT)
RESET
Oscillator
Start-up Timer
(OST)
WDT
Time-out
WDT
Module
OSCI
Power-on
Reset
(POR)
BOR
RSTB
TLC
TLC156
Rev0.95 Nov 20, 2003
P.2/TLC156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com