Electronic Components Datasheet Search
  English  ▼

X  

TLC156R Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # TLC156R
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TLC156R Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button TLC156R Datasheet HTML 35Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 36Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 37Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 38Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 39Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 40Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 41Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 42Page - List of Unclassifed Manufacturers TLC156R Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
HF mode, Vdd=3V, 4 clock instruction
20MHz
0.92
15MHz
0.72
10MHz
0.54
4MHz
0.30
IDD
Operating current
2MHz
0.19
mA
HF mode, Vdd=5V, 2 clock instruction
20MHz
2.94
15MHz
2.34
10MHz
1.74
4MHz
0.96
IDD
Operating current
2MHz
0.68
mA
HF mode, Vdd=3V, 2 clock instruction
20MHz
1.38
15MHz
1.07
10MHz
0.77
4MHz
0.38
IDD
Operating current
2MHz
0.24
mA
XT mode, Vdd=5V, 4 clock instruction
20MHz
1.69
15MHz
1.36
10MHz
1.04
4MHz
0.64
IDD
Operating current
2MHz
0.49
mA
XT mode, Vdd=3V, 4 clock instruction
20MHz
0.78
15MHz
0.60
10MHz
0.44
4MHz
0.24
IDD
Operating current
2MHz
0.17
mA
XT mode, Vdd=5V, 2 clock instruction
20MHz
2.81
15MHz
2.20
10MHz
1.60
4MHz
0.87
IDD
Operating current
2MHz
0.61
mA
XT mode, Vdd=3V, 2 clock instruction
20MHz
1.36
15MHz
1.05
10MHz
0.73
4MHz
0.36
IDD
Operating current
2MHz
0.23
mA
TLC
TLC156
Rev0.95 Nov 20, 2003
P.2/TLC156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com