Electronic Components Datasheet Search
  English  ▼

X  

TKE Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TKE
Description  1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TKE Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TKE Datasheet HTML 1Page - Toppower Electronic Technology Limited TKE Datasheet HTML 2Page - Toppower Electronic Technology Limited TKE Datasheet HTML 3Page - Toppower Electronic Technology Limited TKE Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TKE Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 3 of 4
DIP Package
SIP Package
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight:1.09g(SIP)
1.25g(DIP)
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
MECHANICAL DIMENSIONS
PIN CONNECTIONS
8 PIN DIP
Pin
Function
1
-Vin
4
+Vin
5
+Vout
7
-Vout
4 PIN SIP
Pin
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
11.48
TKE0505S
YYWW
2.54
4
5
7
1
YYWW
TKE0505D
11.50
7.62
5.08
9.80
5.40
4.60
3.60
6.00
0.55
0.45
4.60
3.60
1.09
0.50±0.05
7.62
1.94
7.46
0.50±0.05
1
2
3
4
1.25
2.18±0.50
0.30
0.20
7.62
0.30
0.20
bottom view
bottom view
TOPPOWER
TOPPOWER
Typical Load Lin
e
10 25
50
75
100
-7.5%
+2.5%
-2.5%
NOM
V
+5%
+10%
Output Load Current(%)
All other types
Output Load Current(% )
+9%
+1%
V
NOM
-7%
-7%
+1%
-15%
100
75
50
25
10
Typical Load Lin
e
3.3V output types
1.5
1.0
0.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com