Electronic Components Datasheet Search
  English  ▼

X  

TKE Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TKE
Description  1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TKE Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TKE Datasheet HTML 1Page - Toppower Electronic Technology Limited TKE Datasheet HTML 2Page - Toppower Electronic Technology Limited TKE Datasheet HTML 3Page - Toppower Electronic Technology Limited TKE Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TKE Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 4 of 4
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. Both SIP and DIP types in this series are
backward compatible with Sn/Pb soldering systems.
Unless otherwise stated all dimensions in mm ±0.5mm
Tube Quantity:40PCS
Tube length(8 Pin DIP):520mm ±2mm
Tube length(4 Pin SIP):525mm ±2mm
5.40
5.00
0.60±0.15
11.60
8 Pin DIP Package
4 Pin SIP Package
4.45
7.70
8 Pin DIP Tube
4 Pin SIP Tube
2.54
1.00
1.15
4 孔
4HOLES
2.54
4 孔
1.00
1.15 4HOLES
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com