Electronic Components Datasheet Search
  English  ▼

X  

0830907 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830907
Description  Marker for terminal blocks - UM1U-TM (6X10)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830907 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830907 Datasheet HTML 1Page - PHOENIX CONTACT 0830907 Datasheet HTML 2Page - PHOENIX CONTACT 0830907 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0830907
05/24/2016   Page 1 / 3
Marker for terminal blocks - UM1U-TM (6X10) - 0830907
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Marker for terminal blocks, Strip, white, unlabeled, can be labeled with: THERMOMARK CARD, BLUEMARK
CLED, Mounting type: clip on, Lettering field: 6 x 10 mm
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
Weight per Piece (excluding packing)
2.0 g
Country of origin
Poland
Technical data
Dimensions
Length (b)
10 mm
Width (a)
6 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
General
Color
white
Components
free from silicone, halogen, and cadmium
Flammability rating according to UL 94
V2
Material
PC
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
24
Number of individual labels per row
12
Number of marker strips
2
RoHS compliant
Yes
Printability
Thermal transfer
Device
5146464 THERMOMARK CARD
Ink ribbon
0801371 THERMOMARK-RIBBON 110-TC


Similar Part No. - 0830907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830902 PHOENIX-0830902 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TMF (5X5)
0830903 PHOENIX-0830903 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (6X10)
0830904 PHOENIX-0830904 Datasheet
49Kb / 3P
Marker for terminal blocks - UM1-TMF (6X5)
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
0830906 PHOENIX-0830906 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X10)
More results

Similar Description - 0830907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0821247 PHOENIX-0821247 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TM 6
0821713 PHOENIX-0821713 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 4
0830903 PHOENIX-0830903 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (6X10)
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
0830906 PHOENIX-0830906 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X10)
0830910 PHOENIX-0830910 Datasheet
48Kb / 3P
Marker for terminal blocks - UM1U-TM (5X10)
0830911 PHOENIX-0830911 Datasheet
50Kb / 3P
Marker for terminal blocks - UM2-TM (5/6X10)
0830919 PHOENIX-0830919 Datasheet
49Kb / 3P
Marker for terminal blocks - UM5-TM (6X10)
0830921 PHOENIX-0830921 Datasheet
49Kb / 3P
Marker for terminal blocks - UM6R-TM (6X10)
0830931 PHOENIX-0830931 Datasheet
50Kb / 3P
Marker for terminal blocks - UM7-TM (6X10)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com