Electronic Components Datasheet Search
  English  ▼

X  

0830907 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830907
Description  Marker for terminal blocks - UM1U-TM (6X10)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830907 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830907 Datasheet HTML 1Page - PHOENIX CONTACT 0830907 Datasheet HTML 2Page - PHOENIX CONTACT 0830907 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/0830907
05/24/2016   Page 2 / 3
Marker for terminal blocks - UM1U-TM (6X10) - 0830907
Technical data
General
Test for substances that would hinder coating with paint or varnish
VW PV 3.10.7:2005-02
Result
Test passed
Test specification weathering-resistance
Following ISO 4892-2:2013-03
Wipe resistance test result
Test passed
Salt spray test specification
DIN EN 60068-2-11:2000-02
Test duration
96 h
Salt spray testing result
Test passed
Alternating condensation climate with SO2 test specification
DIN 50018:2013-05
Climate level
AHT 1.0 S
Cycles
2
Condensation test result
Test passed
Wipe resistance of test specification inscriptions
IEC 61010-1:2010-06
Result
Test passed
Marking mounting type
clip on
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Flammability rating according to UL 94
V2
Classifications
eCl@ss
eCl@ss 5.1
27141137
eCl@ss 6.0
27141137
eCl@ss 8.0
27141137
eCl@ss 9.0
27141137
ETIM
ETIM 4.0
EC000761
ETIM 5.0
EC000761
Accessories
Accessories
Magazine
Magazine - TMP-UM-MAG4 - 0831203
Magazine for the THERMOMARK CARD printer, for accommodating UM material (UM1U-TM)
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com