Electronic Components Datasheet Search
  English  ▼

X  

RSE Datasheet(PDF) 1 Page - SHINMEI ELECTRIC CO., LTD.

Part # RSE
Description  Ultra small size, High sensitive (50mW,150mW), Single pole relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

RSE Datasheet(HTML) 1 Page - SHINMEI ELECTRIC CO., LTD.

  RSE Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. RSE Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. RSE Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.shinmei-e.co.jp
Ultra small size, High sensitive (50mW,150mW), Single pole relay
RSE Relay
1/3
SHINMEI ELECTRIC CO., LTD.
[]
Features
<>Ultra small size, high sensitive single pole relay.
<>High sensitive (150mW), standard (200mW) & 280mW.
<>Sealed construction.
<>12(L) x 7.3(W) x 9.7(H)mm
<>Approved by UL / C-UL
Actual size
Zoom
[]
Applications
<>Automotive (Auto mirror controller etc. )
<>Telephones, Modem, Facsimile.
<>Portable equipment, Audio equipment.
[]
UL / C-UL Rating
1A30VDC,0.3A60VDC,0.5A125VAC (UL/C-UL File No.E128155)
[]
Model Number
RSE
Nil
: 1 Form C
1a
: 1 Form A (only 50mW)
Coil voltage (1.5,3,5,6,9,12,24VDC)
Nil
: Standard type
S
: High sensitive type
E
: General-purpose type
[]
Products Line (Standard type , 1 Form C)(at 20 degree Celsius)
Model number
Nominal
Voltage
(VDC)
Pick-up
voltage
(VDC)
Drop-out
voltage
(VDC)
Coil resistance
(ohm)
Nominal
operating
current
(mA)
Electric power
consumption
(mW)
Max .allowable
voltage
(VDC)
RSE-1.5
1.5
11.3
133.0
RSE-3
3
45.0
66.7
RSE-5
5
125.0
40.0
RSE-6
6
180.0
33.3
RSE-9
9
405.0
22.2
RSE-12
12
720.0
16.7
RSE-24
24
75%
Max .of
nominal
voltage
10%
Min .of
nominal
voltage
2,880.0
8.33
200
130% of
nominal voltage
[]
Products Line (High sensitive type , 1 Form C)(at 20 degree Celsius)
Model number
Nominal
Voltage
(VDC)
Pick-up
voltage
(VDC)
Drop-out
voltage
(VDC)
Coil resistance
(ohm)
Nominal
operating
current
(mA)
Electric power
consumption
(mW)
Max .allowable
voltage
(VDC)
RSE-1.5-S
1.5
15.0
100.0
RSE-3-S
3
60.0
50.0
RSE-5-S
5
167.0
30.0
RSE-6-S
6
240.0
25.0
RSE-9-S
9
540.0
16.7
RSE-12-S
12
960.0
12.5
RSE-24-S
24
75%
Max .of
nominal
voltage
10%
Min .of
nominal
voltage
3,840.0
6.25
150
150% of
nominal voltage


Similar Part No. - RSE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
2:1 Wide Input Range
logo
Raltron Electronics Cor...
RSE RALTRON-RSE Datasheet
31Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
logo
Recom International Pow...
RSE-0505H2 RECOM-RSE-0505H2 Datasheet
371Kb / 5P
2:1 Wide Input Range
RSE-0505S RECOM-RSE-0505S Datasheet
371Kb / 5P
2:1 Wide Input Range
logo
Raltron Electronics Cor...
RSE-24-12.5-B-T RALTRON-RSE-24-12.5-B-T Datasheet
57Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
More results

Similar Description - RSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ920 ETC-AZ920 Datasheet
60Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
TX-S ETC-TX-S Datasheet
362Kb / 6P
SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
American Zettler, Inc.
AZ920 AZETTLER-AZ920 Datasheet
203Kb / 3P
ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
Omron Electronics LLC
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
Ultra-compact, Ultra-sensitive DPDT Relay
logo
ZETTLER Electronics
AZ920 ZETTLER-AZ920 Datasheet
121Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ921 ZETTLER-AZ921 Datasheet
509Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ921 AZETTLER-AZ921 Datasheet
1Mb / 3P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ9201 AZETTLER-AZ9201 Datasheet
498Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
Hongfa Technology
HFD2 HONGFA-HFD2_17 Datasheet
67Kb / 4P
High sensitive: 150mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com