Electronic Components Datasheet Search
  English  ▼

X  

RSE Datasheet(PDF) 2 Page - SHINMEI ELECTRIC CO., LTD.

Part # RSE
Description  Ultra small size, High sensitive (50mW,150mW), Single pole relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

RSE Datasheet(HTML) 2 Page - SHINMEI ELECTRIC CO., LTD.

  RSE Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. RSE Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. RSE Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RSE RELAYS
2/3
SHINMEI ELECTRIC CO., LTD.
[]
Products Line (General purpose type , 1 Form C)(at 20 degree Celsius)
Model number
Nominal
Voltage
(VDC)
Pick-up
voltage
(VDC)
Drop-out
voltage
(VDC)
Coil resistance
(ohm)
Nominal
operating
current
(mA)
Electric power
consumption
(mW)
Max .allowable
voltage
(VDC)
RSE-1.5-E
1.5
8.0
188.0
RSE-3-E
3
32.1
93.5
RSE-5-E
5
89.3
56.0
RSE-6-E
6
129.0
46.7
RSE-9-E
9
289.0
31.1
RSE-12-E
12
514.0
23.3
RSE-24-E
24
70%
Max .of
nominal
voltage
5% Min .of
nominal
voltage
2,060.0
11.7
280
110% of nominal
voltage
[]
Products Line (High sensitive type , 1 Form A)(at 20 degree Celsius)
Model number
Nominal
Voltage
(VDC)
Pick-up
voltage
(VDC)
Drop-out
voltage
(VDC)
Coil resistance
(ohm)
Nominal
operating
current
(mA)
Electric power
consumption
(mW)
Max .allowable
voltage
(VDC)
RSE-1a-1.5-S
1.5
45.0
33.3
RSE-1a-3-S
3
180.0
16.7
RSE-1a-5-S
5
500.0
10.0
RSE-1a-6-S
6
720.0
8.33
RSE-1a-9-S
9
1,620.0
5.56
RSE-1a-12-S
12
80%
Max .of
nominal
voltage
10%
Min .of
nominal
voltage
2,880.0
4.17
50
180% of
nominal voltage
[]
Typical Specifications
Item
Specifications
Arrangement
1a, 1c
Initial contact resistance max.
Max.100 milliohm (By voltage drop 6VDC 1A)
Contact
Material
Silver alloy, gold clad
Nominal switching capacity
1A30VDC, 0.3A60VDC, 0.5A125VAC*
Max .switching power
30W, 60VA
Max .switching voltage
60VDC, 125VAC
Rating
Max .switching current
1A (DC 30V)
Initial insulation resistance
Min. 100 megohm (at 500VDC)
Between open
Contacts
AC500V (1 minute)
Withstanding
voltage
(Initial)
Between contacts
and
Coil
AC1,000V (1 minute)
Coil Temperature rise(at nominal voltage)
Max. 50 degree Celsius
Operate time(at nominal voltage)
Max. 5msec
Electrical specification
Release time(at nominal voltage)
Max. 5msec
Functional
Min. 98m/s2 (10G)
Shock
resistance
Destruction
Min. 980 m/s2 (100G)
Functional
10 to 55Hz at double amplitude of 1.0mm
Mechanical
specification
Vibration
resistance
Destruction
10 to 55Hz at double amplitude of 2.0mm
Mechanical life
10,000,000 operations (at 180cpm)
Life expectancy
Electrical life(at rating)
100,000 operations (at 20cpm)
Ambient temperature
Operating
-40 to +70 degree Celsius (without being frozen)
Unit weight
Approx. 1.8g
*These AC ratings are under random phase-control. In driving AC load, life expectancy so greatly depends on the phase at
turning on or off so that user should check selected relays with actual load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com