Electronic Components Datasheet Search
  English  ▼

X  

AMT30 Datasheet(PDF) 3 Page - CUI INC

Part # AMT30
Description  MODULAR ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT30 Datasheet(HTML) 3 Page - CUI INC

  AMT30 Datasheet HTML 1Page - CUI INC AMT30 Datasheet HTML 2Page - CUI INC AMT30 Datasheet HTML 3Page - CUI INC AMT30 Datasheet HTML 4Page - CUI INC AMT30 Datasheet HTML 5Page - CUI INC AMT30 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date
03/25/2014 │ page 3 of 6
CUI Inc
│ SERIES: AMT30 │ DESCRIPTION: MODULAR ENCODER
B
9
14
8
SCALE 4 : 1
13
2
12
5
10
7
4
3
11
6
DETAIL B
1
5
73
SCALE 4 : 1
13
14 12 10
8
6
4
2
11
9
DETAIL B
1
B
ENCODER INTERFACE
Demo Board Cable
(Cable available without Demo Board Connector)
Encoder Side
Demo Board Side
10 conductor
1.27 mm pitch
28 AWG
(304.8)
1'
0.25"
Samtec
ISDF-07-D
PINOUT CONNECTOR 1
Function
#
AMT303
AMT303LD
14
GND_C1
GND_C1
13
N/A
-Z
12
Z
Z
11
N/A
-A
10
A
A
9
N/A
-B
8B
B
7V
V
6
5 V+
5 V+
5W
W
4
GND
GND
3U
U
2
zero set
zero set
1
N/A
N/A
Notes:
1. GND_C is mode selection line used at
startup to determine encoder mode:
VCC/Floating: SPI Communication Mode
Ground: Normal Operation Mode
Standard use requires attaching GND_C
Pin# 14 to GND in order to get Commutation output.
SPI Communication mode allows the user to write
parameters to the encoder via SPI link, contact CUI
Inc. for more details.
Standard Connector Option
Locking Connector Option
Mating Connector:
Samtec ISDF-07-D
Mating Connector:
Samtec ISDF-07-D-L
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com