Electronic Components Datasheet Search
  English  ▼

X  

AMT30 Datasheet(PDF) 5 Page - CUI INC

Part # AMT30
Description  MODULAR ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT30 Datasheet(HTML) 5 Page - CUI INC

  AMT30 Datasheet HTML 1Page - CUI INC AMT30 Datasheet HTML 2Page - CUI INC AMT30 Datasheet HTML 3Page - CUI INC AMT30 Datasheet HTML 4Page - CUI INC AMT30 Datasheet HTML 5Page - CUI INC AMT30 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date
03/25/2014 │ page 5 of 6
CUI Inc
│ SERIES: AMT30 │ DESCRIPTION: MODULAR ENCODER
ENCODER OPERATIONAL MODE
Initialization mode:
– At power up the encoder goes through an initiation and stabilization procedure. This includes
microprocessor stabilization and the program for combining Coarse and Fine channel of the encoder for
getting the absolute start position. This takes less than 0.1 seconds.
Tracking mode:
– MCU 12 bit position register is updated from Fine Asic every 48 μs.
– The commutation program in the MCU has a compensation for the average delay caused by the update
rate, leaving a remaining jitter of less than 24 μs RMS.
•The communication jitter expressed in electrical degrees will be proportional speed and
does not reach 6 deg RMS until the speed reaches the following values:
COMMUTATION ALIGNMENT AND SETTING THE ZERO POINT
We strongly recommend the use of the AMT303 series demo board to set commutation zero. It greatly
simplifies and expedites the process. The demo board also allows setting of resolution, # of motor poles,
direction of quadrature increment, and commutation angle offset (when required). If you do not have or
cannot obtain a demo board, use the following procedure to align the AMT303XX commutation angle with your
motor:
1.
Mount the AMT303 series encoder to the motor.
2.
Put the motor in a ‘locked rotor’ condition. Consult your motor manufacturer if you are not certain how to lock the
rotor for commutation alignment.
3.
With the motor in a locked rotor position, pull pin# 2 (zero set) low, tie Pin 2 to Ground, to write the rotor position
into non-volatile memory in the encoder.
4.
Power cycle the encoder, i.e., remove power from it. The commutation position is now permanently aligned with
the motor rotor zero position and will use this offset at initialization every time at startup.
Note: The procedure is based on the standard “WYE” motor phase connection configuration. If your motor uses
other than the “WYE” phase connection, you must acquire the AMT303 series demo board to program the
required offset to align encoder commutation signal zero with motor zero position.
0
2
4
6
8
10
12
14
0
2000
4000
6000
8000
10000
RPM
Commuta on Ji er in Electrical Degrees
4 pole
6 pole
8 pole
10 pole
12 pole
20 pole
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com