Electronic Components Datasheet Search
  English  ▼

X  

S5D4100X Datasheet(PDF) 13 Page - Samsung semiconductor

Part # S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D4100X Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button S5D4100X Datasheet HTML 9Page - Samsung semiconductor S5D4100X Datasheet HTML 10Page - Samsung semiconductor S5D4100X Datasheet HTML 11Page - Samsung semiconductor S5D4100X Datasheet HTML 12Page - Samsung semiconductor S5D4100X Datasheet HTML 13Page - Samsung semiconductor S5D4100X Datasheet HTML 14Page - Samsung semiconductor S5D4100X Datasheet HTML 15Page - Samsung semiconductor S5D4100X Datasheet HTML 16Page - Samsung semiconductor S5D4100X Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
DATASHEET
S5D4100X
13
Terminal
Number
Name
TQFP
FBGA
I/O
Output
drive
current
Pull
up
down
Description
GO1
28
31
M6
O
4.0mA
-
G-CH Output 1 / General Purpose Output 1
GO2
29
32
N6
O
4.0mA
-
G-CH Output 2 / General Purpose Output 2
GO3
30
33
M7
O
4.0mA
-
G-CH Output 3 / General Purpose Output 3
GO4
31
34
N7
O
4.0mA
-
G-CH Output 4 / General Purpose Output 4
GO5
32
35
M8
O
4.0mA
-
G-CH Output 5 / General Purpose Output 5
GO6
33
36
N8
O
4.0mA
-
G-CH Output 6 / ITU-R656 VSYNC Output for Non-
Standard Sync Mode
GO7
34
37
M9
O
4.0mA
-
G-CH Output 7 / ITU-R656 VCK Output
VDDC
35
38
N9
P
-
-
Internal Core Drive VDD (1.8V)
VSSC
36
39
M10
G
-
-
Internal Core Drive VSS
BO0
37
40
N10
O
4.0mA
-
B-CH Output 0 / ITU-R656 Output 0 [LSB]
BO1
38
41
M11
O
4.0mA
-
B-CH Output 1 / ITU-R656 Output 1
BO2
39
42
N11
O
4.0mA
-
B-CH Output 2 / ITU-R656 Output 2
BO3
40
43
N13
O
4.0mA
-
B-CH Output 3 / ITU-R656 Output 3
TDI
-
44
N12
I
-
up
JTAC mode (Boundary Scan Design)
TDO
-
45
M13
O
4.0mA
-
JTAC mode (Boundary Scan Design)
BO4
41
46
M12
O
4.0mA
-
B-CH Output 4 / ITU-R656 Output 4
BO5
42
47
L13
O
4.0mA
-
B-CH Output 5 / ITU-R656 Output 5
BO6
43
48
L12
O
4.0mA
-
B-CH Output 6 / ITU-R656 Output 6
BO7
44
49
K13
O
4.0mA
-
B-CH Output 7 / ITU-R656 Output 7 [MSB]
VDDP
45
50
K12
P
-
-
I/O Pad Drive VDD (3.3V)
VSSP
46
51
J13
G
-
-
I/O Pad Drive VSS
HIF
47
52
J12
I
-
down
Host Interface Select ("0":3-Wired or 6-Wired, "1": IIC)
RSTN
48
53
H13
I
-
-
System Reset
SCSN
49
54
H12
I
-
-
Chip Select of the Host Interface
SCL
50
55
G13
I
4.0mA
-
Clock of the Host Interface
SDA0
51
56
G12
I/O
4.0mA
-
Data/Address 0 of the Host I/F [LSB] / SDA in case of IIC
SDA1
52
57
F13
I/O
4.0mA
-
Data/Address 1 of the Host I/F
SDA2
53
58
F12
I/O
4.0mA
-
Data/Address 2 of the Host I/F
SDA3
54
59
E13
I/O
4.0mA
-
Data/Address 3 of the Host I/F [MSB]
VDDC
55
60
E12
P
-
-
Internal Core Drive VDD (1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com