Electronic Components Datasheet Search
  English  ▼

X  

S5D4100X Datasheet(PDF) 21 Page - Samsung semiconductor

Part # S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D4100X Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button S5D4100X Datasheet HTML 17Page - Samsung semiconductor S5D4100X Datasheet HTML 18Page - Samsung semiconductor S5D4100X Datasheet HTML 19Page - Samsung semiconductor S5D4100X Datasheet HTML 20Page - Samsung semiconductor S5D4100X Datasheet HTML 21Page - Samsung semiconductor S5D4100X Datasheet HTML 22Page - Samsung semiconductor S5D4100X Datasheet HTML 23Page - Samsung semiconductor S5D4100X Datasheet HTML 24Page - Samsung semiconductor S5D4100X Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
DATASHEET
S5D4100X
21
5.4 SHARPNESS, HUE & SAT
5.4.1 Sharpness
0
CORE_H*2
CORE_L*2
- CORE_L*2
- CORE_H*2
EDGE_LIM
- EDGE_LIM
Figure 10. Sharpness I/O Characteristic Curve
The Sharpness block applies "0" for any value smaller than two times of Register CORE_L shown in Figure 10,
applies a certain gradient for the value smaller than two times of Register CORE_H, and bypasses edge value for
the area bigger than two times of Register Core_H. Any value which is bigger than Register EDGE_LIM is limited
to Register EDGE_LIM. The gradient between Register CORE_L and Register CORE_H is determined by
Register CORE_RATE; 1/2, 1/4, 1/8 and 1/16 for 00, 01, 10 and 11, respectively.
BLACK/BRIGHTNESS/CONTRAST can be adjusted as following, after EDGE is reflected.
YOUT = (YIN – YCP_BLACK) * YCP_CONTRAST + YCP_BRIGHTNESS
Where, Register YCP_BRIGHTNESS is a 2's complement, and can be a negative number.
5.4.2 HUE & SAT
Register HUE can be adjusted between -180 degree and +180 degree. The value can be a 2's complement
between -512 and +511. Register SATURATION is applied after adjustment of Register HUE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com